Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP688CL Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP688CL
Description  General Description
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688CL Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button COP688CL Datasheet HTML 28Page - National Semiconductor (TI) COP688CL Datasheet HTML 29Page - National Semiconductor (TI) COP688CL Datasheet HTML 30Page - National Semiconductor (TI) COP688CL Datasheet HTML 31Page - National Semiconductor (TI) COP688CL Datasheet HTML 32Page - National Semiconductor (TI) COP688CL Datasheet HTML 33Page - National Semiconductor (TI) COP688CL Datasheet HTML 34Page - National Semiconductor (TI) COP688CL Datasheet HTML 35Page - National Semiconductor (TI) COP688CL Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Opcode Table (Continued)
Upper Nibble Along X-Axis
Lower Nibble Along Y-Axis
76
5
4
3
2
1
0
IFBIT
ANDSZ
LD B
0F
IFBNE 0
JSR
JMP
JP a17
INTR
0
0 B
A
i
x000 – x0FF
x000 – x0FF
IFBIT
LD B
0E
IFBNE 1
JSR
JMP
JP a18
JP a 21
1 B
x100 – x1FF
x100 – x1FF
IFBIT
LD B
0D
IFBNE 2
JSR
JMP
JP a19
JP a 32
2 B
x200 – x2FF
x200 – x2FF
IFBIT
LD B
0C
IFBNE 3
JSR
JMP
JP a20
JP a 43
3 B
x300 – x3FF
x300 – x3FF
IFBIT
CLRA
LD B
0B
IFBNE 4
JSR
JMP
JP a21
JP a 54
4 B
x400 – x4FF
x400 – x4FF
IFBIT
SWAPA
LD B
0A
IFBNE 5
JSR
JMP
JP a22
JP a 65
5 B
x500 – x5FF
x500 – x5FF
IFBIT
DCORA
LD B
09
IFBNE 6
JSR
JMP
JP a23
JP a 76
6 B
x600 – x6FF
x600 – x6FF
IFBIT
PUSHA
LD B
08
IFBNE 7
JSR
JMP
JP a24
JP a 87
7 B
x700 – x7FF
x700 – x7FF
SBIT
RBIT
LD B
07
IFBNE 8
JSR
JMP
JP a25
JP a 98
0 B
0 B
x800 – x8FF
x800 – x8FF
SBIT
RBIT
LD B
06
IFBNE 9
JSR
JMP
JP a26
JP a 10
9
1 B
1 B
x900 – x9FF
x900 – x9FF
SBIT
RBIT
LD B
05
IFBNE 0A
JSR
JMP
JP a27
JP a 11
A
2 B
2 B
xA00 – xAFF
xA00 – xAFF
SBIT
RBIT
LD B
04
IFBNE 0B
JSR
JMP
JP a28
JP a 12
B
3 B
3 B
xB00 – xBFF
xB00 – xBFF
SBIT
RBIT
LD B
03
IFBNE 0C
JSR
JMP
JP a29
JP a 13
C
4 B
4 B
xC00 – xCFF
xC00 – xCFF
SBIT
RBIT
LD B
02
IFBNE 0D
JSR
JMP
JP a30
JP a 14
D
5 B
5 B
xD00 – xDFF
xD00 – xDFF
SBIT
RBIT
LD B
01
IFBNE 0E
JSR
JMP
JP a31
JP a 15
E
6 B
6 B
xE00 – xEFF
xE00 – xEFF
SBIT
RBIT
LD B
00
IFBNE 0F
JSR
JMP
JP a32
JP a 16
F
7 B
7 B
xF00 – xFFF
xF00 – xFFF
Where
i is the immediate data
Md is a directly addressed memory location
is an unused opcode
Note
The opcode 60 Hex is also the opcode for IFBIT
iA
http
www nationalcom
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com