Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP688CL Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP688CL
Description  General Description
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688CL Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP688CL Datasheet HTML 1Page - National Semiconductor (TI) COP688CL Datasheet HTML 2Page - National Semiconductor (TI) COP688CL Datasheet HTML 3Page - National Semiconductor (TI) COP688CL Datasheet HTML 4Page - National Semiconductor (TI) COP688CL Datasheet HTML 5Page - National Semiconductor (TI) COP688CL Datasheet HTML 6Page - National Semiconductor (TI) COP688CL Datasheet HTML 7Page - National Semiconductor (TI) COP688CL Datasheet HTML 8Page - National Semiconductor (TI) COP688CL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
TLDD9766
September 1996
COP688CLCOP684CL COP888CLCOP884CL
COP988CLCOP984CL 8-Bit Microcontroller
General Description
The COP888 family of microcontrollers uses an 8-bit single
chip core architecture fabricated with National Semiconduc-
tor’s M2CMOSTM process technology The COP888CL is a
member of this expandable 8-bit core processor family of
microcontrollers
(Continued)
Key Features
Y
Two 16-bit timers each with two 16-bit registers
supporting
Processor Independent PWM mode
External Event counter mode
Input Capture mode
Y
4 kbytes of on-chip ROM
Y
128 bytes of on-chip RAM
Additional Peripheral Features
Y
Idle Timer
Y
Multi-input Wake Up (MIWU) with optional interrupts (8)
Y
WATCHDOGTM and Clock Monitor logic
Y
MICROWIREPLUSTM serial IO
IO Features
Y
Memory mapped IO
Y
Software selectable IO options (TRI-STATE
Output
Push-Pull Output Weak Pull-Up Input High Impedance
Input)
Y
High current outputs
Y
Schmitt trigger inputs on port G
Y
Packages
44 PLCC with 40 IO pins
40 DIP with 36 IO pins
28 DIP with 24 IO pins
28 SO with 24 IO pins
CPUInstruction Set Feature
Y
1 ms instruction cycle time
Y
Ten multi-source vectored interrupts servicing
External Interrupt with selectable edge
Idle Timer T0
Timers (Each with 2 interrupts)
MICROWIREPLUS
Multi-Input Wake Up
Software Trap
Default VIS (default interrupt)
Y
Versatile and easy to use instruction set
Y
8-bit Stack Pointer (SP)stack in RAM
Y
Two 8-bit Register Indirect Data Memory Pointers (B X)
Fully Static CMOS
Y
Low current drain (typically k 1 mA)
Y
Single supply operation 25V to 60V
Y
Temperature ranges 0 Cto a70 C b40 Cto a85 C
b
55 Cto a125 C
Development Support
Y
Emulation and OTP devices
Y
Real time emulation and full program debug offered by
MetaLink Development System
Block Diagram
TLDD9766 – 1
FIGURE 1 Block Diagram
TRI-STATE
is a registered trademark of National Semiconductor Corporation
MICROWIREPLUSTM M2CMOSTM COPSTM microcontrollers WATCHDOGTM and MICROWIRETM are trademarks of National Semiconductor Corporation
iceMASTERTM is a trademark of MetaLink Corporation
C1996 National Semiconductor Corporation
RRD-B30M96Printed in U S A
http
www nationalcom


Similar Part No. - COP688CL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP688CS NSC-COP688CS Datasheet
598Kb / 53P
8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
Texas Instruments
COP688CS TI1-COP688CS Datasheet
631Kb / 55P
COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
More results

Similar Description - COP688CL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS7308 SAMSUNG-KS7308 Datasheet
96Kb / 13P
GENERAL DESCRIPTION
logo
Fairchild Semiconductor
SGL40N150 FAIRCHILD-SGL40N150 Datasheet
351Kb / 7P
General Description
SGR15N40L FAIRCHILD-SGR15N40L Datasheet
169Kb / 7P
General Description
SGR20N40L FAIRCHILD-SGR20N40L Datasheet
149Kb / 5P
General Description
logo
Aplus Intergrated Circu...
AP778 APLUS-AP778 Datasheet
684Kb / 12P
GENERAL DESCRIPTION
logo
List of Unclassifed Man...
05H12 ETC-05H12 Datasheet
8Kb / 1P
General Description
logo
Exar Corporation
SP6205EM5-L-3-3 EXAR-SP6205EM5-L-3-3 Datasheet
1Mb / 14P
GENERAL DESCRIPTION
logo
Taiwan Memory Technolog...
I709X TMT-I709X Datasheet
77Kb / 1P
General Description
logo
New Jersey Semi-Conduct...
B2-8Z NJSEMI-B2-8Z Datasheet
86Kb / 2P
GENERAL DESCRIPTION
logo
First Silicon Co., Ltd
FTK0903D FS-FTK0903D Datasheet
1,018Kb / 5P
General Description
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com