Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP688CL Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP688CL
Description  General Description
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688CL Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button COP688CL Datasheet HTML 15Page - National Semiconductor (TI) COP688CL Datasheet HTML 16Page - National Semiconductor (TI) COP688CL Datasheet HTML 17Page - National Semiconductor (TI) COP688CL Datasheet HTML 18Page - National Semiconductor (TI) COP688CL Datasheet HTML 19Page - National Semiconductor (TI) COP688CL Datasheet HTML 20Page - National Semiconductor (TI) COP688CL Datasheet HTML 21Page - National Semiconductor (TI) COP688CL Datasheet HTML 22Page - National Semiconductor (TI) COP688CL Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Power Save Modes (Continued)
If an RC clock option is being used the fixed delay is intro-
duced optionally A control bit CLKDLY mapped as config-
uration bit G7 controls whether the delay is to be intro-
duced or not The delay is included if CLKDLY is set and
excluded if CLKDLY is reset The CLKDLY bit is cleared on
reset
The device has two mask options associated with the HALT
mode The first mask option enables the HALT mode fea-
ture while the second mask option disables the HALT
mode With the HALT mode enable mask option the device
will enter and exit the HALT mode as described above With
the HALT disable mask option the device cannot be placed
in the HALT mode (writing a ‘‘1’’ to the HALT flag will have
no effect)
The WATCHDOG detector circuit is inhibited during the
HALT mode However the clock monitor circuit if enabled
remains active during HALT mode in order to ensure a clock
monitor error if the device inadvertently enters the HALT
mode as a result of a runaway program or power glitch
IDLE MODE
The device is placed in the IDLE mode by writing a ‘‘1’’ to
the IDLE flag (G6 data bit) In this mode all activity except
the associated on-board oscillator circuitry the WATCH-
DOG logic the clock monitor and the IDLE Timer T0 is
stopped
As with the HALT mode the device can be returned to nor-
mal operation with a reset or with a Multi-Input Wake-up
from the L Port Alternately the microcontroller resumes
normal operation from the IDLE mode when the thirteenth
bit (representing 4096 ms at internal clock frequency of
1 MHz tc e 1 ms) of the IDLE Timer toggles
This toggle condition of the thirteenth bit of the IDLE Timer
T0 is latched into the T0PND pending flag
The user has the option of being interrupted with a transition
on the thirteenth bit of the IDLE Timer T0 The interrupt can
be enabled or disabled via the T0EN control bit Setting the
T0EN flag enables the interrupt and vice versa
The user can enter the IDLE mode with the Timer T0 inter-
rupt enabled In this case when the T0PND bit gets set the
device will first execute the Timer T0 interrupt service rou-
tine and then return to the instruction following the ‘‘Enter
Idle Mode’’ instruction
Alternatively the user can enter the IDLE mode with the
IDLE Timer T0 interrupt disabled In this case the device
will resume normal operation with the instruction immediate-
ly following the ‘‘Enter IDLE Mode’’ instruction
Note
It is necessary to program two NOP instructions following both the
set HALT mode and set IDLE mode instructions These NOP instruc-
tions are necessary to allow clock resynchronization following the
HALT or IDLE modes
http
www nationalcom
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com