Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP688CL Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP688CL
Description  General Description
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688CL Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button COP688CL Datasheet HTML 4Page - National Semiconductor (TI) COP688CL Datasheet HTML 5Page - National Semiconductor (TI) COP688CL Datasheet HTML 6Page - National Semiconductor (TI) COP688CL Datasheet HTML 7Page - National Semiconductor (TI) COP688CL Datasheet HTML 8Page - National Semiconductor (TI) COP688CL Datasheet HTML 9Page - National Semiconductor (TI) COP688CL Datasheet HTML 10Page - National Semiconductor (TI) COP688CL Datasheet HTML 11Page - National Semiconductor (TI) COP688CL Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Electrical Specifications
DC ELECTRICAL SPECIFICATIONS
COP688CL Absolute Specifications
Supply Voltage (VCC)7V
Voltage at Any Pin
b
03V to VCC a 03V
Total Current into VCC Pin (Source)
90 mA
Total Current out of GND Pin (Sink)
100 mA
Storage Temperature Range
b
65 Cto a150 C
Note
Absolute maximum ratings indicate limits beyond
which damage to the device may occur DC and AC electri-
cal specifications are not ensured when operating the de-
vice at absolute maximum ratings
DC Electrical Characteristics COP68XCL b55 C s TA s a125 C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
45
55
V
Power Supply Ripple (Note 1)
Peak-to-Peak
01 VCC
V
Supply Current (Note 2)
CKI e 10 MHz
VCC e 55V tc e 1 ms
125
mA
CKI e 4 MHz
VCC e 55V tc e 25 ms
55
mA
HALT Current (Note 3)
VCC e 55V CKI e 0 MHz
k
10
30
m
A
IDLE Current
CKI e 10 MHz
VCC e 55V tc e 1 ms
35
mA
CKI e 4 MHz
VCC e 55V tc e 25 ms
25
mA
Input Levels
RESET
Logic High
08 VCC
V
Logic Low
02 VCC
V
CKI (External and Crystal Osc Modes)
Logic High
07 VCC
V
Logic Low
02 VCC
V
All Other Inputs
Logic High
07 VCC
V
Logic Low
02 VCC
V
Hi-Z Input Leakage
VCC e 55V
b
5
a
5
m
A
Input Pullup Current
VCC e 55V VIN e 0V
b
35
b
400
m
A
G and L Port Input Hysteresis
035 VCC
V
Output Current Levels
D Outputs
Source
VCC e 45V VOH e 38V
b
04
mA
Sink
VCC e 45V VOL e 10V
9
mA
All Others
Source (Weak Pull-Up Mode)
VCC e 45V VOH e 38V
b
90
b
140
m
A
Source (Push-Pull Mode)
VCC e 45V VOH e 38V
b
04
mA
Sink (Push-Pull Mode)
VCC e 45V VOL e 04V
14
mA
TRI-STATE Leakage
VCC e 55V
b
50
a
50
m
A
Note 1
Rate of voltage change must be less then 05 Vms
Note 2
Supply current is measured after running 2000 cycles with a square wave CKI input CKO open inputs at rails and outputs open
Note 3
The HALT mode will stop CKI from oscillating in the RC and the Crystal configurations Test conditions All inputs tied to VCC L and G0–G5 configured as
outputs and set high The D port set to zero The clock monitor is disabled
http
www nationalcom
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com