Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5979RH Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5979RH
Description  RAD HARD POSITIVE, 0.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5979RH Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5979RH Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1
2
3
4
5
6
7
8
9
10
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK5979RH
MSK5979K/H
ESD Rating
+40V,-0.3V
+40V,-0.3V
Internally Limited
0.9A
+150°C
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
Class 2
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
Input Voltage
Control Voltage
Power Dissipation
Output Current
Junction Temperature
VIN
VCTL
PD
IOUT
TJ
Output is decoupled to ground using A 220µF tantalum low ESR capacitor in parallel with 3 pieces of 1.0µF and one 0.1µF ceramic capacitors unless
otherwise specified. (See Figure 1)
Guaranteed by design but not tested. Typical parameters are representative of actual device
performance but are for reference only.
Industrial grade devices shall be tested to subgroup 1 unless otherwise specified.
Military grade ("H" suffix) and space grade ("K" suffix) devices shall be 100% tested to subgroups 1,2 and 3.
Subgroup 1
TA=TC=+25°C
Subgroup 2
TA=TC=+125°C
Subgroup 3
TA=TC=-55°C
Minimum load current verified while testing line regulation.
Voltage is measured with respect to VOUT.
Reference the current limit typical performance curve for input to output voltage differential verses output current capabilities.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
Pre and Post irradiation limits at 25°C, up to 300 Krads(Si) TID, are identical unless otherwise specified.
ELECTRICAL SPECIFICATIONS
2
NOTES:
9
8
7
7
8548-133 Rev. B 8/15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com