Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5979RH Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # MSK5979RH
Description  RAD HARD POSITIVE, 0.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5979RH Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK5979RH Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
APPLICATION NOTES CONT'D
HEAT SINKING
Radiation performance curves for TID testing have been generated
for all radiation testing performed by MS Kennedy. These curves
show performance trends throughout the TID test process and can
be located in the MSK5977RH radiation test report. The complete
radiation test report is available in the RAD HARD PRODUCTS section
on the MSK website.
APPLICATION NOTES CONT'D
TOTAL DOSE RADIATION TEST
PERFORMANCE
IMPROVING INITIAL ACCURACY AND
REDUCING TEMPERATURE DRIFT
ADDING SHUTDOWN
The MSK5979RH can be easily shutdown by either reducing
Rset to 0Ω or connecting a transistor from the set pin to ground.
By connecting two transistors, as shown in Figure 6, a low current
voltage source is all that is required to take the set pin to ground
as well as pull the output voltage to ground. Q2 pulls the output
voltage to ground when no load is present and only needs to sink
10mA. Use a low leakage switching diode between Vout and Set
to avoid overstress during shutdown transitions.
FIGURE 6
The initial output accuracy of the MSK5979RH due to set pin current
tolerance and set point resistor accuracy can be reduced to 0.2% us-
ing the MSK109RH radiation hardened precision reference. Minimal
drift of the MSK109RH from temperature extremes and irradiation
ensure very tight regulation. The circuit can be configured to use
the 2.5V reference to directly set the output at 2.5V or with a slight
variation it can provide any output within the operating range of the
MSK5979RH down to 0V output. Select Rs to maintain between
1mA and 10mA of current through the reference; see Figure 5 below.
Rs may be tied to VIN or another power source. The optional trim
resistor can be used to further trim out initial output and system
error. Reference the MSK109RH data sheet for application circuits
that provide stable output voltages across the full operating range
of the MSK5979RH including down to 0V output and the operating
characteristics of the MSK109RH.
FIGURE 5
ADDITIONAL APPLICATION INFORMATION
For additional applications information, please reference Linear Tech-
nology Corporation's® LT3080 and RH3080 data sheets.
To determine if a heat sink is required for your application and if so,
what type, refer to the thermal model and governing equation below.
Governing Equation: Tj = Pd x (Rθjc + Rθcs + Rθsa) + Ta
WHERE
Tj = Junction Temperature
Pd = Total Power Dissipation
Rθjc = Junction to Case Thermal Resistance
Rθcs = Case to Heat Sink Thermal Resistance
Rθsa = Heat Sink to Ambient Thermal Resistance
Tc = Case Temperature
Ta = Ambient Temperature
Ts = Heat Sink Temperature
EXAMPLE:
This example demonstrates the thermal calculations for the TO-257
package with the regulator operating at one-half of its maximum
rated output current.
Conditions for MSK5979RH:
VCTL=VIN = +3.0V; Iout = +0.45A VOUT=+1.0V
1.) Assume 45° heat spreading model.
2.) Find regulator power dissipation:
Pd = (VIN - VOUT)(Iout)
Pd = (3-1)(0.45)
= 0.9W
3.) For conservative design, set Tj = +125°C Max.
4.) For this example, worst case Ta = +90°C.
5.) Rθjc = 5.0°C/W from the Electrical Specification Table.
6.) Rθcs= 0.15°C/W for most thermal greases.
7.) Rearrange governing equation to solve for Rθsa:
Rθsa= ((Tj - Ta)/Pd) - (Rθjc) - (Rθcs)
= (125°C - 90°C)/0.9W - 5.0°C/W - 0.15°C/W
= 33.7°C/W
In this case the result is 33.7°C/W. Therefore, a heat sink with a ther-
mal resistance of no more than 33.7°C/W must be used in this appli-
cation to maintain regulator circuit junction temperature under 125°C.
For enhanced radiation tolerance the die has a glassivation thick-
ness of 4KA and is not in accordance with MIL-PRF-38534.
DIE GLASSIVATION
8548-133 Rev. B 8/15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com