Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5979RH Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5979RH
Description  RAD HARD POSITIVE, 0.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5979RH Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5979RH Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES:
Manufactured using
Space Qualified RH3080 Die
Total Dose Hardened to 300 Krads(Si) (Method 1019.7 Condition A)
Low Dropout to 300mV (VIN - VOUT, with Seperate CTL Supply)
Output Adjustable to Zero Volts
Internal Short Circuit Current Limit
Output Voltage is Adjustable with 1 External Resistor
Output Current Capability to 0.9 Amps
Internal Thermal Overload Protection
Outputs may be Paralleled for Higher Current
Available in 3 Lead Form Options with Ceramic Seals: Straight, Up and Down (TO257)
Contact MSK for MIL-PRF-38534 Qualification Status
High Efficiency Linear Regulators
Constant Voltage/Current Regulators
Space System Power Supplies
Switching Power Supply Post Regulators
Very low Voltage Power Supplies
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
5979RH
RAD HARD POSITIVE,
0.9A, LDO, SINGLE RESISTOR
ADJ VOLTAGE REGULATOR
DESCRIPTION:
The MSK5979RH offers low dropout down to 300mV and an output voltage range down to zero volts while offering ra-
diation tolerance for space applications. This, combined with the low θJC, allows increased output current while providing
exceptional device efficiency. Because of the increased efficiency, a small hermetic 3 pin package can be used providing
maximum performance while occupying minimal board space. Output voltage is selected by the user through the use of 1
external resistor. Additionally, the regulator offers internal short circuit current and thermal limiting, which allows circuit pro-
tection and eliminates the need for external components and excessive derating.
EQUIVALENT SCHEMATIC
MIL-PRF-38534 & 38535 CERTIFIED FACILITY
1
1
2
3
SET
CTL
VIN
 
CASE VOUT
8548-133 Rev. B 8/15


Similar Part No. - MSK5979RH

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5979RH ANAREN-MSK5979RH Datasheet
1Mb / 8P
RAD HARD POSITIVE, 0.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
More results

Similar Description - MSK5979RH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5984RH MSK-MSK5984RH Datasheet
1Mb / 8P
RAD HARD POSITIVE, 2.8A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
MSK5965RH ANAREN-MSK5965RH Datasheet
429Kb / 7P
RAD HARD POSITIVE 0.9A, LOW NOISE, LDO ADJ VOLTAGE REGULATOR
MSK5970RH ANAREN-MSK5970RH Datasheet
422Kb / 8P
RAD HARD POSITIVE, 1.5 AMP, LOW DROPOUT ADJ VOLTAGE REGULATOR
MSK5978RH ANAREN-MSK5978RH Datasheet
1Mb / 9P
RAD HARD POSITIVE 0.7A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5979RH ANAREN-MSK5979RH Datasheet
1Mb / 8P
RAD HARD POSITIVE, 0.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5983RH ANAREN-MSK5983RH Datasheet
610Kb / 9P
RAD HARD POSITIVE, 2.25A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5984RH ANAREN-MSK5984RH Datasheet
539Kb / 8P
RAD HARD POSITIVE, 2.8A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5985RH ANAREN-MSK5985RH Datasheet
560Kb / 9P
RAD HARD POSITIVE, 1.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5986RH ANAREN-MSK5986RH Datasheet
486Kb / 7P
RAD HARD POSITIVE, 2.8A, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com