Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5979RH Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK5979RH
Description  RAD HARD POSITIVE, 0.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5979RH Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK5979RH Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5979RH Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
APPLICATION NOTES
PARALLELING DEVICES
When currents greater than 0.9A are needed, the MSK5979RH's may
be paralleled to multiply the current capacity. As shown in Figure 4, the Vin
and SET pins must be tied together. The VOUT pins are connected to the
load with consideration to the conductor resistance. The conductor resis-
tance of each MSK5979RH VOUT connection to the load, must be equal
to create equal load sharing. As little as 10mΩ ballast resistance typically
ensures better than 80% equal sharing of load current at full load. Additional
consideration must be given to the effect the additional VOUT conductor
resistance has on load regulation; see paragraph titled "Load Regulation".
OUTPUT CAPACITANCE
For stability purposes, the MSK5979RH requires a minimum output ca-
pacitor of 10µF with an ESR of 0.5Ω or less. Tantalum or ceramic capac-
itors are recommended. A larger capacitance value will improve transient
response for increased load current changes. Consideration must also be
given to temperature characteristics of the capacitors used.
FIGURE 1
OUTPUT VOLTAGE
3
FIGURE 3
FIGURE 4
A single resistor (Rset) from the SET pin to ground creates the reference
voltage for the internal Error Amplifier. The MSK5979RH SET pin supplies
a constant current of 10uA that develops the reference voltage. The output
voltage is simply Rset x 10uA. Since the output is internally driven by a
unity-gain amplifier, an alternative to using Rset is to connect a high quality
reference source to the SET pin. With a minimum load requirement of 1mA
on the Output, the Output Voltage can be adjusted to near 0V. To bring
the output voltage to 0V, the load must be connected to a slightly negative
voltage supply to sink the 1mA minimum load current from a 0V output.
ADDITIONAL STABILITY
A capacitor placed in parallel with the SET pin resistor to ground, will im-
prove the output transient response and filter noise in the system. To reduce
output noise, typically less than 100pF is all that will be required. Capacitors
up to 1µF can be used, however consideration must be given to the effect
the time constant created will have on the startup time.
LOAD REGULATION
The MSK5979RH specified load regulation is Kelvin Sensed, therefore
the parasitic resistance of the system must be considered to design an ac-
ceptable load regulation. The overall load regulation includes the specified
MSK5979RH load regulation plus the parasitic resistance multiplied by
the load current as shown in Figure 3. RSO is the series resistance of all
conductors between the MSK5979RH output and the load. It will directly
increase output load regulation error by a voltage drop of ∆Io x Rso. Rss
is the series resistance between the set pin and the load. RSS will have
little effect on load regulation if the set pin trace is connected as close to
the load as possible keeping the load return current on a separate trace as
shown. RSR is the series resistance of all of the conductors between the
load and the input power source return. RSR will not effect load regulation
if the set pin is connected with a Kelvin Sense type connection as shown
in Figure 3, but it will increase the effective dropout voltage by a factor of
IO x RSR. Keeping RSO and RSR as low as possible will ensure minimal
voltage drops and wasted power.
 
FIGURE 2
LOW DROPOUT OPERATION
Using separate VIN and Vcontrol power supplies allows for lower dropout
and improved efficiency. Figure 2 shows the MSK5979RH output transis-
tor collector is connected to the VIN pin. The regulator control circuitry is
powered by the Vcontrol input. The dropout of the regulator is determined
by the saturation voltage of the output transistor, typical 300mV at 0.9A
load. The Vcontrol supply must supply the base drive current for the output
transistor. The Vcontrol current minus the 10µA set current is supplied to
the load. See the Typical Performance Characteristics curves for expected
VIN dropout voltage, control pin dropout voltage and current requirements
under various conditions. With separate supplies for VIN and Vcontrol,
power dissipation is reduced and efficiency improves.
8548-133 Rev. B 8/15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com