Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79R70 Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM79R70
Description  Ringing Subscriber Line Interface Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R70 Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM79R70 Datasheet HTML 3Page - Advanced Micro Devices AM79R70 Datasheet HTML 4Page - Advanced Micro Devices AM79R70 Datasheet HTML 5Page - Advanced Micro Devices AM79R70 Datasheet HTML 6Page - Advanced Micro Devices AM79R70 Datasheet HTML 7Page - Advanced Micro Devices AM79R70 Datasheet HTML 8Page - Advanced Micro Devices AM79R70 Datasheet HTML 9Page - Advanced Micro Devices AM79R70 Datasheet HTML 10Page - Advanced Micro Devices AM79R70 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
P R E L I M I N A R Y
SLIC Products
7
ELECTRICAL CHARACTERISTICS
Description
Test Conditions (See Note 1)
Min
Typ
Max
Unit
Note
Transmission Performance
2-wire return loss
200 Hz to 3.4 kHz (Test Circuit D)
26
dB
1, 4, 6
ZVTX, analog output impedance
3
20
Ω
4
VVTX, analog output offset voltage
–50
+50
mV
ZRSN, analog input impedance
1
20
Ω
4
Overload level, 2-wire and 4-wire, off hook
Active state
2.5
Vpk
2a
Overload level, 2-wire
On hook, RLAC = 600 Ω
0.88
Vrms
2b
THD (Total Harmonic Distortion)
+3 dBm, BAT2 = –24 V
–64
–50
dB
5
THD, on hook, OHT state
0 dBm, RLAC = 600 Ω,
BAT1 = –67 V
–40
Longitudinal Performance (See Test Circuit C)
Longitudinal to metallic L-T, L-4 balance
200 Hz to 3.4 kHz
40
dB
Longitudinal signal generation 4-L
200 Hz to 800 Hz, Normal polarity
40
Longitudinal current per pin (A or B)
Active or OHT state
12
28
mArms
4
Longitudinal impedance at A or B
0 to 100 Hz, TA = +25°C
25
Ω/pin
Idle Channel Noise
C-message weighted noise
+7
+14
dBrnC
Psophometric weighted noise
–83
–76
dBmp
4
Insertion Loss and Four- to Four-Wire Balance Return Signal (See Test Circuits A and B)
Gain accuracy4- to 2-wire
0 dBm, 1 kHz
–0.20
0
+0.20
dB
3
Gain accuracy2- to 4-wire and
4- to 4-wire
0 dBm, 1 kHz
–6.22
–6.02
–5.82
Gain accuracy4- to 2-wire
OHT state, on hook
–0.35
0
+0.35
Gain accuracy2- to 4-wire and
4- to 4-wire
OHT state, on hook
–6.37
–6.02
–5.77
Gain accuracy over frequency
300 to 3400 Hz
relative to 1 kHz
–0.10
+0.10
Gain tracking
+3 dBm to –55 dBm
relative to 0 dBm
–0.10
+0.10
3, 4
Gain tracking
OHT state, on hook
0 dBm to –37 dBm
+3 dBm to 0 dBm
–0.10
–0.35
+0.10
+0.35
3, 4
3
Group delay
0 dBm, 1 kHz
3
µs
1, 4, 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com