Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79R70 Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM79R70
Description  Ringing Subscriber Line Interface Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R70 Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM79R70 Datasheet HTML 9Page - Advanced Micro Devices AM79R70 Datasheet HTML 10Page - Advanced Micro Devices AM79R70 Datasheet HTML 11Page - Advanced Micro Devices AM79R70 Datasheet HTML 12Page - Advanced Micro Devices AM79R70 Datasheet HTML 13Page - Advanced Micro Devices AM79R70 Datasheet HTML 14Page - Advanced Micro Devices AM79R70 Datasheet HTML 15Page - Advanced Micro Devices AM79R70 Datasheet HTML 16Page - Advanced Micro Devices AM79R70 Datasheet HTML 17Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
P R E L I M I N A R Y
16
Am79R70 Data Sheet
TEST CIRCUITS (continued)
+5 V
H. Am79R70 Test Circuit
VNEG
VCC
RD
RD
VTX
RSN
RRX
RDC2
RDC1
CDC
RT
RDC
–5 V
VBAT1
DET
D1
BGND
RYOUT1
HPB
CHP
HPA
RTRIP2
RTRIP1
A(TIP)
B(RING)
BAT1
VBAT2
2.2 nF
2.2 nF
VTX
VRX
B2EN
D2
BAT2
A(TIP)
B(RING)
0.1 µF
RYOUT2
C1
C2
C3
D1
D2
E1
RDCR
RDCR
AGND/
DGND
RSLEW
CSLEW
RINGIN
RSGH
RSGL
RSGL
RSGH
RRT1
RRT2
CRT
1.5 µF
75 k
Ω
12 k
Ω
430 k
Ω
open
20 k
Ω
80 k
Ω
2.0 k
Ω
100 k
Ω
1.2 µF
0.33 µF
See Note.
CAX
CBX
18 nF
300 k
Ω
300 k
Ω
0.1 µF
RYE
open
Note:
The input should be 50% duty cycle CMOS-compatible input.
BATTERY
GROUND
ANALOG
GROUND
DIGITAL
GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com