Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79R70 Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM79R70
Description  Ringing Subscriber Line Interface Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R70 Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM79R70 Datasheet HTML 5Page - Advanced Micro Devices AM79R70 Datasheet HTML 6Page - Advanced Micro Devices AM79R70 Datasheet HTML 7Page - Advanced Micro Devices AM79R70 Datasheet HTML 8Page - Advanced Micro Devices AM79R70 Datasheet HTML 9Page - Advanced Micro Devices AM79R70 Datasheet HTML 10Page - Advanced Micro Devices AM79R70 Datasheet HTML 11Page - Advanced Micro Devices AM79R70 Datasheet HTML 12Page - Advanced Micro Devices AM79R70 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
P R E L I M I N A R Y
SLIC Products
9
ELECTRICAL CHARACTERISTICS (continued)
RELAY DRIVER SCHEMATIC
Description
Test Conditions (See Note 1)
Min
Typ
Max
Unit
Note
Logic Inputs (C3–C1, D2–D1, E1, and B2EN)
VIH, Input High voltage
2.0
V
VIL, Input Low voltage
0.8
IIH, Input High current
–75
40
µA
IIL, Input Low current
–400
Logic Output DET
VOL, Output Low voltage
IOUT = 0.8 mA, 15 kΩ to VCC
0.40
V
VOH, Output High voltage
IOUT = –0.1 mA, 15 kΩ to VCC
2.4
Ring-Trip Detector Input
Ring detect accuracy
–10
+10
%
Ring Signal
VAB, Ringing
Bat1 = –67 V, ringload = 1570
Ω
57
61
Vpk
VAB Ringing offset
VRINGIN = 2.5 V
0
V
∆V
AB/∆VRINGIN (RINGIN gain)
180
—
Ground-Key Detector Thresholds
Ground-key resistive threshold
B to ground
2
5
10
k
Ω
Ground-key current threshold
B to ground
11
mA
Loop Detector
RLTH, Loop-resistance detect threshold
Active, VBAT1
Active, VBAT2
Standby
–20
–20
–12
20
20
12
%
8
Relay Driver Output (RELAY1 and 2)
VOL, On voltage (each output)
IOL = 30 mA
+0.25
+0.4
V
VOL, On voltage (each output)
IOL = 40 mA
+0.30
+0.8
4
IOH, Off leakage (each output)
VOH = +5 V
100
µA
Zener breakover (each output)
IZ = 100 µA
6.6
7.9
V
Zener on voltage (each output)
IZ = 30 mA
11
IRTD
BAT1
1
–
RRT1
----------------------------
24
µA
+


335
•
=
RYOUT1
BGND
RYOUT2
BGND
RYE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com