Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79R70 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79R70
Description  Ringing Subscriber Line Interface Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R70 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79R70 Datasheet HTML 1Page - Advanced Micro Devices AM79R70 Datasheet HTML 2Page - Advanced Micro Devices AM79R70 Datasheet HTML 3Page - Advanced Micro Devices AM79R70 Datasheet HTML 4Page - Advanced Micro Devices AM79R70 Datasheet HTML 5Page - Advanced Micro Devices AM79R70 Datasheet HTML 6Page - Advanced Micro Devices AM79R70 Datasheet HTML 7Page - Advanced Micro Devices AM79R70 Datasheet HTML 8Page - Advanced Micro Devices AM79R70 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 21776
Rev: B Amendment: /0
Issue Date: July 1998
PRELIMINARY
Am79R70
Ringing Subscriber Line Interface Circuit
DISTINCTIVE CHARACTERISTICS
s Ideal for ISDN-TA and set top applications
s On-chip ringing with on-chip ring-trip detector
s Low standby state power
s Battery operation:
—VBAT1: –40 V to –67 V
—VBAT2: –19 V to VBAT1
s On-chip battery switching and feed selection
s On-hook transmission
s Polarity reversal option
s Programmable constant-current feed
s Programmable Open Circuit voltage
s Programmable loop-detect threshold
s Current gain = 1000
s Two-wire impedance set by single component
s Ground-key detector
s Tip Open state for ground-start lines
s Internal VEE regulator
(no external –5 V power supply required)
s Two on-chip relay drivers and snubber circuits
BLOCK DIAGRAM
E1
D2
D1
Two-Wire
Interface
HPA
HPB
Input Decoder
and Control
Relay
Driver
Ring-Trip
Detector
Power-Feed
Controller
RTRIP1
RTRIP2
BGND
VCC VNEG
RD
RDC
AGND/DGND
VBAT2
A(TIP)
B(RING)
RYOUT1
RDCR
C1
Switch
Driver
VBAT1
RSGL
Ground-Key
Detector
Off-Hook
Detector
Relay
Driver
RYOUT2
C2
C3
RSGH
B2EN
RSN
VTX
Signal
Transmission
RINGIN
RYE
DET


Similar Part No. - AM79R70

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70 Datasheet
355Kb / 20P
Ringing Subscriber Line Interface Circuit
AM79R70-1JC AMD-AM79R70-1JC Datasheet
355Kb / 20P
Ringing Subscriber Line Interface Circuit
AM79R70-1SC AMD-AM79R70-1SC Datasheet
355Kb / 20P
Ringing Subscriber Line Interface Circuit
AM79R70JC AMD-AM79R70JC Datasheet
355Kb / 20P
Ringing Subscriber Line Interface Circuit
AM79R70SC AMD-AM79R70SC Datasheet
355Kb / 20P
Ringing Subscriber Line Interface Circuit
More results

Similar Description - AM79R70

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
logo
Advanced Micro Devices
AM79R79 AMD-AM79R79 Datasheet
340Kb / 20P
Ringing Subscriber Line Interface Circuit
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70_1 Datasheet
355Kb / 20P
Ringing Subscriber Line Interface Circuit
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com