Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSC5-7 Datasheet(PDF) 7 Page - Lumberg

Part # RSC5-7
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

RSC5-7 Datasheet(HTML) 7 Page - Lumberg

Back Button RSC5-7 Datasheet HTML 3Page - Lumberg RSC5-7 Datasheet HTML 4Page - Lumberg RSC5-7 Datasheet HTML 5Page - Lumberg RSC5-7 Datasheet HTML 6Page - Lumberg RSC5-7 Datasheet HTML 7Page - Lumberg RSC5-7 Datasheet HTML 8Page - Lumberg RSC5-7 Datasheet HTML 9Page - Lumberg RSC5-7 Datasheet HTML 10Page - Lumberg RSC5-7 Datasheet HTML 11Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
7
Table of Contents
Table of Contents
About Belden® Industrial Solutions ......................................................................................................
3
Industries and Applications ..................................................................................................................
4-5
About Our Solutions .............................................................................................................................
6-7
Enclosure~less Connectivity Solutions at a Glance ...............................................................................
8-9
Connectivity Solutions
10-87
Passive Actuator/Sensor Connectivity Products, M8 / M12 Micro / 1/2”-20 Micro / Mini 7/8”, 1”, 1 1/8” / M23 /
DIN Valve Connectors, From IP 65 to IP 69K Ratings / NEMA 6P Rated.
Distribution Boxes.................................................................................................................................
10-15
Single Ended Cordsets..........................................................................................................................
16-33
Double Ended Cordsets.........................................................................................................................
33-51
Splitters................................................................................................................................................
52-56
Receptacles..........................................................................................................................................
57-67
Field Attachable Connectors..................................................................................................................
68-78
PowerCINCH - On-Machine Power Distribution Connection System .......................................................
79-82
Accessories ..........................................................................................................................................
83-87
Fieldbus Solutions for Centralized I/O Applications
88-99
Lumberg Automation IP 67- Systems for Centralized Field Wiring. Supported Protocols: DeviceNet, CANopen,
Profibus-DP and PROFInet.
e2c 67 for Field Level Centralized I/O Wiring System.............................................................................
88-91
LioN-Link for Field Level Distributed I/O - Ideal for System Expansion ...................................................
92-99
Fieldbus Solutions for Decentralized I/O Applications
100-135
Lumberg Automation IP 67- I/O Modules and Related Connectors for AS-Interface, DeviceNet, CANopen,
and Profibus-DP
AS-Interface .......................................................................................................................................
100-104
DeviceNet...........................................................................................................................................
105-118
Profibus-DP ........................................................................................................................................
119-128
CANopen ............................................................................................................................................
129-132
Interbus ..............................................................................................................................................
133-135
Industrial Ethernet Solutions
136-142
Modbus/TCP (4-Pair), Ethernet/IP (2-Pair, D-Coded), and ProfiNet (2-Pair B-Coded), M12 and RJ45 Configurations, From IP 20
to IP67 Ratings
Switches (Unmannaged) ......................................................................................................................
136
Panel Mount Feed-Throughs ................................................................................................................
136
UTP Media Cordsets.............................................................................................................................
136-141
Field Attachable Connectors.................................................................................................................
142
Receptacles.........................................................................................................................................
142
References
143-176
Glossary of Terms ................................................................................................................................
143-148
Cable Index / Connector Key/Pin Configurations...................................................................................
149-157
Part Number Index...............................................................................................................................
158-176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com