Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSC5-7 Datasheet(PDF) 31 Page - Lumberg

Part # RSC5-7
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

RSC5-7 Datasheet(HTML) 31 Page - Lumberg

Back Button RSC5-7 Datasheet HTML 27Page - Lumberg RSC5-7 Datasheet HTML 28Page - Lumberg RSC5-7 Datasheet HTML 29Page - Lumberg RSC5-7 Datasheet HTML 30Page - Lumberg RSC5-7 Datasheet HTML 31Page - Lumberg RSC5-7 Datasheet HTML 32Page - Lumberg RSC5-7 Datasheet HTML 33Page - Lumberg RSC5-7 Datasheet HTML 34Page - Lumberg RSC5-7 Datasheet HTML 35Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
31
1 1/8” C Body-Male Straight
Mini Cordsets, Single Ended, 1 1/8”” Male Straight
Connector, 9-, 10- and 12-Poles with Internal Threads
and Molded Cable. IP 67 Rated.
Color Code:
U.S.
Cable Types:
16 AWG
623 | 699
= PVC, yellow
724
= TPE, yellow
Cable Types:
18 AWG
651 | 652 | 651 | 654 = PUR, yellow
1 1/8” C Body-Female Straight
Mini Cordsets, Single Ended, 1 1/8”” Female Straight
Connector, 9-, 10-, 12- and 19-Poles with Internal
Threads and Molded Cable. IP 67 Rated.
Color Code:
U.S.
Cable Types:
16 AWG
623 | 699
= PVC, yellow
724
= TPE, yellow
Cable Types:
18 AWG
651 | 652 | 654
= PUR, yellow
Color Code:
Numeric
Cable Types:
18 AWG
676 | 669
= PUR, yellow
RS 901M...1201M
RK 90M...190M
Part No.
Part No.
RS 901M-623/6 F
RS 1001M-652/6 F
RS 901M-623/12 F
RS 1001M-652/12 F
RS 901M-623/15 F
RS 1001M-652/15 F
RS 901M-623/20 F
RS 1001M-652/20 F
RS 901M-623/30 F
RS 1001M-652/30 F
RS 901M-651/6 F
RS 1201M-724/6 F
RS 901M-651/12 F
RS 1201M-724/12 F
RS 901M-651/15 F
RS 1201M-724/15 F
RS 901M-651/20 F
RS 1201M-724/20 F
RS 901M-651/30 F
RS 1201M-724/30 F
RS 1001M-699/6 F
RS 1201M-654/6 F
RS 1001M-699/12 F
RS 1201M-654/12 F
RS 1001M-699/15 F
RS 1201M-654/15 F
RS 1001M-699/20 F
RS 1201M-654/20 F
RS 1001M-699/30 F
RS 1201M-654/30 F
Part No.
Part No.
RK 90M-623/6 F
RK 100M-652/30 F
RK 90M-623/12 F
RK 120M-724/6 F
RK 90M-623/15 F
RK 120M-724/12 F
RK 90M-623/20 F
RK 120M-724/15 F
RK 90M-623/30 F
RK 120M-724/20 F
RK 90M-651/6 F
RK 120M-724/30 F
RK 90M-651/12 F
RK 120M-654/6 F
RK 90M-651/15 F
RK 120M-654/12 F
RK 90M-651/20 F
RK 120M-654/15 F
RK 90M-651/30 F
RK 120M-654/20 F
RK 100M-699/6 F
RK 120M-654/30 F
RK 100M-699/12 F
RK 120M-676/2 M
RK 100M-699/15 F
RK 120M-676/5 M
RK 100M-699/20 F
RK 120M-676/10 M
RK 100M-699/30 F
RK 120M-676/15 M
RK 100M-652/6 F
RK 190M-669/2 M
RK 100M-652/12 F
RK 190M-669/5 M
RK 100M-652/15 F
RK 190M-669/10 M
RK 100M-652/20 F
RK 190M-669/15 M
1 1/8” C Body-Male Straight
Mini Cordsets, Single Ended, 1 1/8”” Male Straight
Connector, 12-Poles (11 Conductors) with External
Threads and Molded Cable. IP 67 Rated.
Color Code:
IEC
Cable Types:
18 AWG
728
= TPE, yellow
RS 120 (External Threads)
Part No.
RS 120-728/6 F
RS 120-728/12 F
RS 120-728/15 F
RS 120-728/20 F
RS 120-728/30 F
Cordsets
Single-Ended
Mini 1 1/8” -Round-Plug Connector
1 1/8”-Single-Ended Cordsets, C Body Style



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com