Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSC5-7 Datasheet(PDF) 98 Page - Lumberg

Part # RSC5-7
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

RSC5-7 Datasheet(HTML) 98 Page - Lumberg

Back Button RSC5-7 Datasheet HTML 94Page - Lumberg RSC5-7 Datasheet HTML 95Page - Lumberg RSC5-7 Datasheet HTML 96Page - Lumberg RSC5-7 Datasheet HTML 97Page - Lumberg RSC5-7 Datasheet HTML 98Page - Lumberg RSC5-7 Datasheet HTML 99Page - Lumberg RSC5-7 Datasheet HTML 100Page - Lumberg RSC5-7 Datasheet HTML 101Page - Lumberg RSC5-7 Datasheet HTML 102Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
98
LioN-Link
Wiring Accessories I/O Modules
0942 UEM 60.../63...
0942 UEM 65...
LioN-Link Connection , 5-Poles
Part No.
Description
Actuator/sensor connection, 3 and 5 Poles Part No.
Description
Power supply connection, 5-Poles
Part No.
Description
0935 253 10...
CAN/ DeviceNet signal cable, Thin Cable, M12
RST 5...
Actuator / sensor cordset,
M12 male connector with molded cable
RK(W)T 5...
Actuator / sensor cordset, M12 female or female
right angle connector with molded cable
RST 5-RKT 5...
Actuator / sensor double-ended cordset,
M12 male to M12 female connector
RSC(W) 5/9
RKC(W) 5/9
Field attachable connector, M12 male or male
right angle connector or M12 female or female
right angle connector, with threaded joint
0906 UTP 104
T-connector/ splitter, 2-way, with mounting hole,
M12 female connector with two M12 male
connectors,
5-poles
RSMV...
Actuator / sensor cordset,
M8 male connector with molded cable
RSMC...
RSMCW...
Field attachable connector, M8 male/ male right
angle connector, with threaded joint
RST...
Actuator / sensor cordset,
M12 male connector with molded cable
RSMV-RKM(WV)...
RST-RKM...
Actuator / sensor double-ended cordset,
M8/M12 male connector and M8/M12 female/
female right angle connector
RSC...
RKCW...
Field attachable connector, M12 male or male
right angle connector, with threaded joint
RKT 5...
RKWT 5...
RKT 5-226/...M
Actuator / sensor cordset,
M12 female or female right angle connector
with molded cable
0906 UTP 101
T-connector with M12 male/female connector,
5 poles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com