Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSC5-7 Datasheet(PDF) 16 Page - Lumberg

Part # RSC5-7
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

RSC5-7 Datasheet(HTML) 16 Page - Lumberg

Back Button RSC5-7 Datasheet HTML 12Page - Lumberg RSC5-7 Datasheet HTML 13Page - Lumberg RSC5-7 Datasheet HTML 14Page - Lumberg RSC5-7 Datasheet HTML 15Page - Lumberg RSC5-7 Datasheet HTML 16Page - Lumberg RSC5-7 Datasheet HTML 17Page - Lumberg RSC5-7 Datasheet HTML 18Page - Lumberg RSC5-7 Datasheet HTML 19Page - Lumberg RSC5-7 Datasheet HTML 20Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
16
M8-Round-Plug Connector According to IEC 61976-2-104
M8-Cordsets
M8-Male Straight
Actuator-/Sensor-Cordsets, Single Ended,
M8-Male Straight Connector, 3- and 4-Poles with
Threaded Joint and Molded Cable. IP 67 Rated.
Cable Type: 06 | 07
= PVC, orange
224 | 225 = PUR, halogen-free, black
M8-Female 90°
Actuator-/Sensor-Cordsets, Single Ended,
M8-Female 90° Connector, 3- and 4-Poles with
Threaded Joint and Molded Cable. IP 67 Rated.
Cable Type: 06 | 07
= PVC, orange
224 | 225 = PUR, halogen-free, black
M8-Female Straight
Actuator-/Sensor-Cordsets, Single Ended,
M8-Female Straight Connector, 3-, 4- and 8-Poles
with Threaded Joint and Molded Cable. IP 67 Rated.
Cable Type: 06 | 07
= PVC, orange
224 | 225 = PUR, halogen-free, black
M8-Male 90°
Actuator-/Sensor-Cordsets, Single Ended,
M8-Male 90° Connector, 3- and 4-Poles with
Threaded Joint and Molded Cable. IP 67 Rated.
Cable Type: 06 | 07
= PVC, orange
224 | 225 = PUR, halogen-free, black
Part No.
Part No.
RSMV 3-06/2 M
RSMV 4-07/2 M
RSMV 3-06/5 M
RSMV 4-07/5 M
RSMV 3-06/10 M
RSMV 4-07/10 M
RSMV 3-224/2 M
RSMV 4-225/2 M
RSMV 3-224/5 M
RSMV 4-225/5 M
RSMV 3-224/10 M
RSMV 4-225/10 M
Part No.
Part No.
RSMWV 3-06/2 M
RSMWV 4-07/2 M
RSMWV 3-06/5 M
RSMWV 4-07/5 M
RSMWV 3-06/10 M
RSMWV 4-07/10 M
RSMWV 3-224/2 M
RSMWV 4-225/2 M
RSMWV 3-224/5 M
RSMWV 4-225/5 M
RSMWV 3-224/10 M
RSMWV 4-225/10 M
Part No.
RKMV 3-06/2 M
RKMV 3-06/5 M
RKMV 3-06/10 M
RKMV 3-224/2 M
RKMV 3-224/5 M
RKMV 3-224/10 M
RKMV 4-07/2 M
RKMV 4-07/5 M
RKMV 4-07/10 M
RKMV 4-225/2 M
RKMV 4-225/5 M
RKMV 4-225/10 M
RKMV 8-354/2 M
RKMV 8-354/5 M
RKMV 8-354/10 M
Part No.
Part No.
RKMWV 3-06/2 M
RKMWV 4-07/2 M
RKMWV 3-06/5 M
RKMWV 4-07/5 M
RKMWV 3-06/10 M
RKMWV 4-07/10 M
RKMWV 3-224/2 M
RKMWV 4-225/2 M
RKMWV 3-224/5 M
RKMWV 4-225/5 M
RKMWV 3-224/10 M
RKMWV 4-225/10 M
RSMV
RKMWV
RKMV
RSMWV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com