Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTIM Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT89C51RD2-RDTIM
Description  8-bit Flash Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTIM Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTIM Datasheet HTML 8Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 9Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 10Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 11Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 12Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 13Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 14Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 15Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AT89C51RD2 / AT89C51ED2 QualPack
12
Rev. 0 – 2003 July
4.3.3 Time Dependent Dielectric Breakdown
Purpose:
To evaluate the AT56800 thin gate oxide TDDB performance as follows:
a) To determine the activation energy of gate oxide failures on STI active edge capacitors
b) To determine the field acceleration factor for intrinsic gate oxide failures
c) To determine the sigma the lognormal standard deviation of the time to breakdown distribution of the
intrinsic gate oxide
Test Parameters:
Lot
9G3470 (wafers 4, 5, 18)
Min thickness:
72.9A
Max thickness:
74.7A
Capacitor size:
6.267 um
2
The stress conditions used are shown below:
Temperature/Field
9.5MV/cm
10.0MV/cm
10.5MV/cm
225C
N=5
N=5
N=5
200C
N=5
N=5
N=5
175C
N=5
N=5
N=6
Accumulated total stress time: 132 hours / 46 capacitors
Calculation Parameters:
Failure Criteria:
0.01% failures
Temp/Voltage use:
105°C / 3.3V
Oxide thickness:
63A (target –10%)
Lifetime Prediction:
The equation used to describe the breakdown of gate oxides is:
Tbd(i) = exp(SIGMA*Z(i) + GAMMA*Eox +Ea/kT + T0)
Where
Tbd(i) is the time to breakdown of the i
th capacitor,
SIGMA is the lognormal standard deviation of the breakdown distribution,
Z(i) is the Z-score of the i
th capacitor (essentially the difference between its breakdown time and the mean
measured in standard deviations),
GAMMA is the Field acceleration constant,
Eox is the oxide field,
Ea is the activation energy of this failure mechanism,
K is Boltzmann’s constant,
T is the Kelvin Temperature, and
T0 is a fitting constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com