Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTIM Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT89C51RD2-RDTIM
Description  8-bit Flash Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTIM Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTIM Datasheet HTML 13Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 14Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 15Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 16Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 17Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 18Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 19Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 20Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AT89C51RD2 / AT89C51ED2 QualPack
Rev. 0 – 2003 July
17
4.3.4.4 Wafer probe Data retention measurement
Data retention has been verified after bake for 168 hours at 250°C on 3 wafers of a standard production lot. The
results are summarized in the table below:
Lot
Wafer
% Retention loss
Failure rate
extrapolation at 55°C
Time to failure
1G4448
6
0%
3.91fit
>> 10 years
1G4448
8
0%
4.19fit
>> 10 years
1G4448
12
0%
3..96fit
>> 10 years
Total
0%
1.34fit
>> 10 years
Conclusion:
Data Retention measurements at wafer probe stand out high data retention capability of AT56800 products,
exceeding the technology requirement of ten years.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com