Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTIM Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89C51RD2-RDTIM
Description  8-bit Flash Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTIM Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTIM Datasheet HTML 9Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 10Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 11Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 12Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 13Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 14Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 15Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 16Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AT89C51RD2 / AT89C51ED2 QualPack
Rev. 0 – 2003 July
13
The best fit coefficients in the regression analysis are:
T0= 14.25034317 LN-sec
Ea= 1.060043152 eV
GAMMA= -3.2454227 LN-sec-cm/MV
SIGMA= 0.414655753 LN-sec
with an adjusted r-squared of 97.99%. The intrinsic lifetime at use conditions calculated from this regression is
56174 years.
Conclusion:
Using the coefficients determined above, the time to reach any cumulative percent failure level can be estimated
given the stress conditions. Using 105C and 3.3 volts on 63 Angstrom N-Channel gate2 oxide, we may expect
0.01% of capacitors having 6,267 square microns area with 6,174 microns of active edge to fail in about 613 years,
exceeding the technology requirement of ten years.
Test results :
AT56.8K Active Edge TDDB 225C
-2,00000E+00
-1,00000E+00
0,00000E+00
1,00000E+00
2,00000E+00
1,00
E+00
1,00
E+01
1,00
E+02
1,00
E+03
1,00
E+04
1,00
E+05
Tbd (sec)
AT56.8K Active Edge TDDB 200C
-2,00000E+00
-1,00000E+00
0,00000E+00
1,00000E+00
2,00000E+00
1,00
E+00
1,00
E+01
1,00
E+02
1,00
E+03
1,00
E+04
1,00
E+05
Tbd (sec)
AT56.8K Active Edge TDDB 175C
-2,00000E+00
-1,00000E+00
0,00000E+00
1,00000E+00
2,00000E+00
1,00
E+00
1,00
E+01
1,00
E+02
1,00
E+03
1,00
E+04
1,00
E+05
Tbd (sec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com