Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTIM Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT89C51RD2-RDTIM
Description  8-bit Flash Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTIM Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTIM Datasheet HTML 11Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 12Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 13Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 14Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 15Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 16Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 17Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 18Page - ATMEL Corporation AT89C51RD2-RDTIM Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AT89C51RD2 / AT89C51ED2 QualPack
Rev. 0 – 2003 July
15
Conclusions:
-
Vt_wrt shift of 200 mV after 10k cycles
-
I_read decrease of 2.5 uA after 10kcycles (- 7 to 9 %)
-
No big difference between bit0 and bit 7 in terms of Vt or current variations Using the coefficients
4.3.4.2 Cell retention
Purpose:
To extrapolate cell life duration at 125°C from bake measurements at high temperature.
Test parameters:
Lot:
9T0930
Temperature: 250°C and 200°C
Duration:
92 hours
Lifetime Prediction:
The equation used to describe memory cell retention is:
DVt (V) = A * (t[h])^m * exp (-1.05eV/kT[K])
Results :
56.8k cell - 9t0930 (#24/25)
y = 0,2138Ln(x) - 2,3118
y = 0,2211Ln(x) - 4,8026
-5
-4
-3
-2
-1
0
1
10
100
Bake time (h)
200C
250C
150,0
170,0
190,0
210,0
230,0
250,0
270,0
290,0
1
10
100
1000
10000
100000
time (h)
Test measurements
Extrapolated Life Time
Conclusions :
Extrapolation to 125°C - 10years = Vt loss is less than 0.8 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com