Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB688 Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 2SB688
Description  Power Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

2SB688 Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  2SB688 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SB688 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SB688 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SB688 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SB688 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R
2SB688 SERIES
版本:201602A
2/5
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃ unless otherwise noted)
电特性 ELECTRICAL CHARACTERISTIC
热特性 THERMAL CHARACTERISTIC
Parameter
Symbo
最小值
min
最大值
max
Unit
结到管壳的热阻 Thermal Resistance Junction Case TO-247
Rth(j-c)
-
1.56
℃/W
Parameter
Symbol
Value
单位
Unit
-
A
B
C
集电极—基极直流电压
Collector- Base Voltage
VCBO
-180
V
集电极—发射极直流电压 Collector- Emitter Voltage
VCEO
-180
-180
-140
-140
V
发射极—基极直流电压
Emitter-Base Voltage
VEBO
-5
V
最大集电极电流
Collector Current
IC
-8
-10
-10
-12
A
最大基极电流
Base Current
IB
-1.0
A
最大集电极耗散功率
Collector Dissipation
PC
80 (Tc=25℃)
W
最高结温
Junction Temperature
Tj
150
贮存温度
Storage Temperature
Tstg
-55~150
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
B688
B688A
B688B
B688C
V(BR)CEO
Ic=-50mA,IB=0
-180
-140
-
-
V
ICBO
VCB=-160V,IE=0
-
-
-10.0
μA
IEBO
VEB=-5V,IC=0
-
-
-10.0
mA
hFE
VCE=-5V,IC=-1.0A
80
120
160
-
VCE(sat)
IC=-6.0A,IB=-0.6A
-
-
-2.0
V
VBE(ON)
VCE=-5V,IC=-5.0A
-
-
-1.5
V
fT
VCE=-5V, Ic=-1.0A
-
12
-
MHz
COb
VCE=10V, IE =0,f=1MHz
-
170
-
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com