Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB688 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 2SB688
Description  Power Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

2SB688 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  2SB688 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SB688 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SB688 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SB688 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SB688 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
版本:201602A
1/5
PNP 硅外延晶体管
PNP Epitaxial Silicon Transistor
NPN 三重扩散晶体管
2SB688 SERIES
订 货 型 号
Order codes
印
记
Marking
无卤素
Halogen Free
封
装
Package
包
装
Packaging
器件重量
Weight
2SB688
-O-W-N-B
2SB688
否
NO
TO-247
条管 Tube
6.00g(typ)
2SB688
-O-AB-N-B
2SB688
否
NO
TO-3PB
条管 Tube
5.10g(typ)
2SB688A-O-W-N-B
2SB688
否
NO
TO-247
条管 Tube
6.00g(typ)
2SB688A-O-AB-N-B
2SB688
否
NO
TO-3PB
条管 Tube
5.10g(typ)
2SB688B-O-W-N-B
2SB688
否
NO
TO-247
条管 Tube
6.00g(typ)
2SB688B-O-AB-N-B
2SB688
否
NO
TO-3PB
条管 Tube
5.10g(typ)
2SB688C-O-W-N-B
2SB688
否
NO
TO-247
条管 Tube
6.00g(typ)
2SB688C-O-AB-N-B
2SB688
否
NO
TO-3PB
条管 Tube
5.10g(typ)
封装 Package
TO-247
TO-3PB
1 基极 BASE
3 发射极 EMITTER
2 集电极(热沉)COLLECTOR (HEAT SINK)
订货信息 ORDER MESSAGE
用途
应用于功率放大器
APPLICATIONS
Power Amplifier Applications
产品特性
高集电极电压:VCEO=140V (min)
VCEO=180V (min)
与 2SD718 互补
推荐用于 45-50W 音响频率放大器输出电路
环保(RoHS)产品
FEATURES
High collector voltage:VCEO=140V (min)
VCEO=180V (min)
Complementary to 2SD718
Recommended for 45-50W audio frequency
amplifier output
RoHS product


Similar Part No. - 2SB688

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB688 MOSPEC-2SB688 Datasheet
114Kb / 3P
POWER TRANSISTORS(8A,120V,80W)
logo
Wing Shing Computer Com...
2SB688 WINGS-2SB688 Datasheet
25Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Unisonic Technologies
2SB688 UTC-2SB688 Datasheet
123Kb / 2P
HIGH POWER AMPLIFIER APPLICATION
logo
Savantic, Inc.
2SB688 SAVANTIC-2SB688 Datasheet
175Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB688 JMNIC-2SB688 Datasheet
213Kb / 4P
Silicon PNP Power Transistors
More results

Similar Description - 2SB688

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com