Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB688 Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 2SB688
Description  Power Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

2SB688 Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  2SB688 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SB688 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SB688 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SB688 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SB688 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
R
版本:201602A
特征曲线
ELECTRICAL
VCE(sat)- IC
COLLECTOR CURRENT
Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linear
with increase in temperature.
SOA
TC=25℃ DC Operation
Common emitter
IC/IB = 10
Single pulse test
IC-VBE
BASE-EMITTER VOLTAGE
V
Tc=125℃
COLLECTOR-EMITTER VOLTAGE
V
Common emitter
Vce=-5V
Tc=125℃
Tc=25℃
2S
ELECTRICAL CHARACTERISTICS (2SB688 curves)
P
COLLECTOR CURRENT
IC(A)
CASE TEMPERATURE
hFE
EMITTER VOLTAGE
VBE(V)
COLLECTOR CURRENT
Tc=25℃
Common emitter
VCE = -5 V
Single pulse test
Tc=125℃
Tc=25℃
Infinite heat sink
EMITTER VOLTAGE
VCE(V)
1ms
10ms
100ms
2SB688 SERIES
3/5
curves)
PC-TC
TEMPERATURE
TC(℃)
hFE – IC
COLLECTOR CURRENT
IC(A)
Single pulse test



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com