Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB688 Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 2SB688
Description  Power Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

2SB688 Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  2SB688 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SB688 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SB688 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SB688 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SB688 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
R
版本:201602A
外形尺寸 PACKAGE MECHANICAL DATA
TO-247
TO-3PB
2S
PACKAGE MECHANICAL DATA
单位 Unit
符号
A
B
B1
b
c
D
E
e
F
L
L2
P
Q
Q1
符号
A
B
B1
b
c
D
E
e
F
L
L2
P
Q
Q1
2SB688 SERIES
4/5
单位 Unit :mm
Unit :mm
尺寸(mm)
4.90-5.10
2.95-3.35
1.95-2.35
1.15-1.35
0.50-0.70
20.9-21.1
15.7-15.9
5.34-5.54
1.90-2.10
19.4-20.4
4.03-4.23
3.50-3.70
6.00-6.40
2.30-2.50
尺寸(mm)
4.60-5.00
2.90-3.20
1.90-2.20
0.90-1.10
0.50-0.70
19.40-20.40
15.40-15.80
5.45(TYP)
1.40-1.60
19.50-20.50
3.30-3.70
3.10-3.50
4.90-5.10
1.30-1.50



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com