Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP684BC Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP684BC
Description  8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP684BC Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button COP684BC Datasheet HTML 43Page - National Semiconductor (TI) COP684BC Datasheet HTML 44Page - National Semiconductor (TI) COP684BC Datasheet HTML 45Page - National Semiconductor (TI) COP684BC Datasheet HTML 46Page - National Semiconductor (TI) COP684BC Datasheet HTML 47Page - National Semiconductor (TI) COP684BC Datasheet HTML 48Page - National Semiconductor (TI) COP684BC Datasheet HTML 49Page - National Semiconductor (TI) COP684BC Datasheet HTML 50Page - National Semiconductor (TI) COP684BC Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
Memory Map
All RAM, ports and registers (except A and PC) are mapped
into data memory address space.
Address
Contents
00 to 2F
On-Chip RAM bytes (48 bytes)
30 to 7F
Unused RAM Address Space (Reads As All
Ones)
80 to 9F
Unused RAM Address Space (Reads
Undefined Data)
A0
PSCAL, PWM timer Prescaler Register
A1
RLON, PWM timer On-Time Register
A2
PWMCON, PWM Control Register
A3 to AF
Reserved
B0
TXD1, Transmit 1 Data
B1
TXD2, Transmit 2 Data
B2
TDLC, Transmit Data Length Code and
Identifier Low
B3
TID, Transmit Identifier High
B4
RXD1, Receive Data 1
B5
RXD2, Receive Data 2
B6
RIDL, Receive Data Length Code
B7
RID, Receive Identify High
B8
CSCAL, CAN Prescaler
B9
CTIM, Bus Timing Register
BA
CBUS, Bus Control Register
BB
TCNTL, Transmit/Receive Control Register
BC
RTSTAT Receive/Transmit Status Register
BD
TEC, Transmit Error Count Register
BE
REC, Receive Error Count Register
BF
Reserved
C0 to C7
Reserved
C8
WKEDG, MIWU Edge Select Register
C9
WKEN, MIWU Enable Register
CA
WKPND, MIWU Pending Register
CB to CF
Reserved
D0
PORTLD, Port L Data Register
D1
PORTLC, Port L Configuration Register
D2
PORTLP, Port L Input Pins (Read Only)
D3
CMPSL, Comparator control register
D4
PORTGD, Port G Data Register
D5
PORTGC, Port G Configuration Register
D6
PORTGP, Port G Input Pins (Read Only)
D7 to DB
Reserved
DC
PORTD, Port D output register
DD to DF
Reserved for Port D
E0 to E5
Reserved
E6
T1RBLO, Timer T1 Autoload Register Lower
Byte
E7
T1RBHI, Timer T1 Autoload Register Upper
Byte
E8
ICNTRL, Interrupt Control Register
E9
SIOR, MICROWIRE/PLUS Shift Register
Address
Contents
EA
TMR1LO, Timer T1 Lower Byte
EB
TMR1HI, Timer T1 Upper Byte
EC
T1RALO, Timer T1 Autoload Register Lower
Byte
ED
T1RAHI, Timer T1 Autoload Register T1RA
Upper Byte
EE
CNTRL, Control Register
EF
PSW, Processor Status Word Register
F0 to FB
On-Chip RAM Mapped as Registers
FC
X Register
FD
SP Register
FE
B Register
FF
Reserved (Note 20)
Note 19: Reading memory locations 30–7F Hex will return all ones. Reading
other unused memory locations will return undefined data.
Note 20: In devices with more than 128 bytes of RAM, location 0FF is used
as the Segment register to switch between different Segments of RAM
memory. In this device location 0FF can be used as a general purpose, on-
chip RAM mapped register. However, the user is advised that caution should
be taken in porting software utilizing this memory location to a chip with more
than 128 bytes of RAM.
Addressing Modes
There are ten addressing modes, six for operand addressing
and four for transfer of control.
OPERAND ADDRESSING MODES
Register Indirect
This is the “normal” addressing mode. The operand is the
data memory addressed by the B pointer or X pointer.
Register Indirect (with auto post Increment or
decrement of pointer)
This addressing mode is used with the LD and X instruc-
tions. The operand is the data memory addressed by the B
pointer or X pointer. This is a register indirect mode that au-
tomatically post increments or decrements the B or X regis-
ter after executing the instruction.
Direct
The instruction contains an 8-bit address field that directly
points to the data memory for the operand.
Immediate
The instruction contains an 8-bit immediate field as the oper-
and.
Short Immediate
This addressing mode is used with the Load B Immediate in-
struction. The instruction contains a 4-bit immediate field as
the operand.
Indirect
This addressing mode is used with the LAID instruction. The
contents of the accumuiator are used as a partial address
(lower 8 bits of PC) for accessing a data operand from the
program memory.
www.national.com
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com