Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP684BC Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP684BC
Description  8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP684BC Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button COP684BC Datasheet HTML 14Page - National Semiconductor (TI) COP684BC Datasheet HTML 15Page - National Semiconductor (TI) COP684BC Datasheet HTML 16Page - National Semiconductor (TI) COP684BC Datasheet HTML 17Page - National Semiconductor (TI) COP684BC Datasheet HTML 18Page - National Semiconductor (TI) COP684BC Datasheet HTML 19Page - National Semiconductor (TI) COP684BC Datasheet HTML 20Page - National Semiconductor (TI) COP684BC Datasheet HTML 21Page - National Semiconductor (TI) COP684BC Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
Timers (Continued)
a fixed, non-programmable repetition rate of 255 PWM clock
cycles. The timer is clocked by the output of an 8-bit, pro-
grammable prescaler, which is clocked with the chip’s CKI
frequency. Thus the PWM signal frequency can be calcu-
lated with the formula:
Selecting the PWM mode by setting PWMD to “1”, but not
yet starting the timer (PWON is “0”), will set the timer output
to “1”.
The contents of an 8-bit register, RLON, multiplied by the
clock cycle of the prescaler output defines the time between
overflow (or starting) and the falling edge of the PWM output.
Once the timer is started, the timer output goes low after
RLON cycles and high after a total of 255 cycles. The proce-
dure is continually repeated. In PWM mode the timer is avail-
able at pins PWM0 and/or PWM1, provided the port configu-
ration bits for those pins are defined as outputs and the
PWEN0 and/or PWEN1 bits in the PWMCON register are
set.
The PWM timer is started by the software setting the PWON
bit to “1”. Starting the timer initializes the timer register. From
this point, the timer will continually generate the PWM signal,
independent of any processor activity, until the timer is
stopped by software setting the PWON bit to “0”. The pro-
cessor is able to modify the RLON register regardless of
whether the timer is running. If RLON is changed while the
timer is running, the previous value of RLON is used for com-
parison until the next overflow occurs, when the new value of
RLON is latched into the comparator inputs.
When the timer overflows, the PWM pending flag (PWPND)
is set to “1”. If the PWM interrupt enable bit (PWIE) is also
set to “1”, timer overflow will generate an interrupt. The
PWPND bit remains set until the user’s software writes a “0”
to it. If the software writes a “1” to the PWPND bit, this has no
effect. If the software writes a “0” to the PWPND bit at the
same time as the hardware writes to the bit, the hardware
has precedence.
Note: The software controlling the duty cycle is able to change the PWM duty
cycle without having to wait for the timer overflow.
Figure 14 shows how the PWM output is implemented. The
PWM Timer output is set to “1” on an overflow of the timer
and set to “0” when the timer is greater than RLON. The out-
put can be multiplexed to two pins.
Capture Mode
If the PWM mode bit (PWMD) is set to “0” the PWM Timer
operates in capture mode. Capture mode allows the pro-
grammer to test whether the frequency of an external source
exceeds a certain threshold.
If PWMD is “0” and PWON is “0”, the timer output is set to
“0”. In capture mode the timer output is available at pin
PWM1, provided the port configuration register bit for that
pin is set up as an output and the PWEN1 bit in the
PWMCON register is set. Setting PWON to “1” will initialize
the timer register and start the counter. A rising edge, or if se-
lected, a falling edge, on the FMONIN input pin will initialize
the timer register and clear the timer output. The counter
continues to count up after being initialized. The ESEL bit de-
termines whether the active edge is a rising or a falling edge.
If, in capture mode PWM0 is configured incorrectly as an
output and is enabled via the PWEN0 bit, the timer output
will feedback into the PWM block as the timer input.
The contents of the counter are continually compared with
the RLON register. If the frequency of the input edges is suf-
ficiently high, the contents of the counter will always be less
than the value in RLON. However, if the frequency of the in-
put edges is too low, the free-running counter value will
count up beyond the value in RLON.
When the counter is greater than RLON, the PWM timer out-
put is set to “1”. It is set to “0” by a detected edge on the timer
input or when the counter overflows. When the counter be-
DS012067-14
FIGURE 14. PWM Mode Operation
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com