Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP684BC Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP684BC
Description  8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP684BC Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button COP684BC Datasheet HTML 15Page - National Semiconductor (TI) COP684BC Datasheet HTML 16Page - National Semiconductor (TI) COP684BC Datasheet HTML 17Page - National Semiconductor (TI) COP684BC Datasheet HTML 18Page - National Semiconductor (TI) COP684BC Datasheet HTML 19Page - National Semiconductor (TI) COP684BC Datasheet HTML 20Page - National Semiconductor (TI) COP684BC Datasheet HTML 21Page - National Semiconductor (TI) COP684BC Datasheet HTML 22Page - National Semiconductor (TI) COP684BC Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
Timers (Continued)
comes greater than RLON, the PWPND bit in the PWM con-
trol register is set to “1”. If the PWIE bit is also set to “1”, the
PWPND bit is enabled to request an interrupt.
It should be noted that two other conditions could also set
the PWPND bit:
1.
If the mode of operation is changed on the fly the timer
output will toggle. If frequency monitor mode is entered
on the fly such that the timer output changes from 0 to 1,
PWPND will be set.
2.
If the timer is operating in frequency monitor mode and
the RLON value is changed on the fly so that RLON be-
comes less than the current timer value, PWPND will be
set.
The PWPND bit remains set until the user’s software writes
a “0” to it. If the software writes a “1” to the PWPND bit, this
has no effect. If the software writes a “0” to the PWPND bit at
the same time as the hardware writes to the bit, the hard-
ware has precedence. (See
Figure 17 for Frequency Monitor
Mode Operation.)
Note: If the clock to the device stops while PWM0 is high,
and a subsequent Reset occurs while the clock is stopped,
the PWM0/L6 output will be put in the weak pull-up mode un-
til the clock resumes.
Power Save Modes
The device offers the user two power save modes of opera-
tion: HALT and IDLE. In the HALT mode, all microcontroller
activities are stopped. In the IDLE mode, the on-board oscil-
lator circuitry and timer T0 are active but all other microcon-
troller activities are stopped. In either mode, all on-board
RAM, registers, I/O states, and timers (with the exception of
T0) are unaltered.
HALT MODE
The contents of all PWM Timer registers are frozen during
HALT mode and are left unchanged when exiting HALT
mode. The PWM timer resumes its previous mode of opera-
tion when exiting HALT mode.
The device is placed in the HALT mode by writing a “1” to the
HALT flag (G7 data bit). All microcontroller activities, includ-
ing the clock, and timers, are stopped. In the HALT mode,
the power requirements of the device are minimal and the
applied voltage (V
CC) may be decreased to Vr (Vr = 2.0V)
without altering the state of the machine.
The device supports two different ways of exiting the HALT
mode. The first method of exiting the HALT mode is with the
Multi-Input Wake Up feature on the L port. The second
method of exiting the HALT mode is by pulling the RESET
pin low.
Since a crystal or ceramic resonator may be selected as the
oscillator, the Wake Up signal is not allowed to start the chip
running immediately since crystal oscillators and ceramic
resonators have a delayed start up time to reach full ampli-
tude and frequency stability. The IDLE timer is used to gen-
erate a fixed delay to ensure that the oscillator has indeed
stabilized before allowing instruction execution. In this case,
upon detecting a valid Wake Up signal, only the oscillator cir-
cuitry is enabled. The IDLE timer is loaded with a value of
256 and is clocked with the t
c instruction cycle clock. The tc
clock is derived by dividing the oscillator clock down by a fac-
tor of 10. The Schmitt trigger following the CKI inverter on
the chip ensures that the IDLE timer is clocked only when the
oscillator has a sufficiently large amplitude to meet the
Schmitt trigger specifications. This Schmitt trigger is not part
of the oscillator closed loop. The start-up time-out from the
IDLE timer enables the clock signals to be routed to the rest
of the chip.
The device has two mask options associated with the HALT
mode. The first mask option enables the HALT mode feature,
while the second mask option disables the HALT mode. With
the HALT mode enable mask option, the device will enter
and exit the HALT mode as described above. With the HALT
disable mask option, the device cannot be placed in the
HALT mode (writing a “1” to the HALT flag will have no ef-
fect).
IDLE MODE
The device is placed in the IDLE mode by writing a “1” to the
IDLE flag (G6 data bit). In this mode, all activities, except the
associated on-board oscillator circuitry, and the IDLE Timer
DS012067-15
FIGURE 15. Frequency Monitor Mode Operation
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com