Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP684BC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP684BC
Description  8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP684BC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP684BC Datasheet HTML 1Page - National Semiconductor (TI) COP684BC Datasheet HTML 2Page - National Semiconductor (TI) COP684BC Datasheet HTML 3Page - National Semiconductor (TI) COP684BC Datasheet HTML 4Page - National Semiconductor (TI) COP684BC Datasheet HTML 5Page - National Semiconductor (TI) COP684BC Datasheet HTML 6Page - National Semiconductor (TI) COP684BC Datasheet HTML 7Page - National Semiconductor (TI) COP684BC Datasheet HTML 8Page - National Semiconductor (TI) COP684BC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
COP884BC/COP885BC
8-Bit CMOS ROM Based Microcontrollers with 2k
Memory, Comparators, and CAN Interface
General Description
The COP884BC ROM based microcontrollers are highly in-
tegrated COP8™ Feature core devices with 2k memory and
advanced features including a CAN 2.0B (passive) interface
and two Analog comparators. These single-chip CMOS de-
vices are suited for applications requiring a full featured con-
troller with a CAN interface, low EMI, and an 8-bit 39 kHz
PWM timer. COP87L84BC devices are pin and software
compatible 16k OTP (One Time Programmable) versions for
pre-production, and for use with a range of COP8 software
and hardware development tools.
Features include an 8-bit memory mapped architecture, 10
MHz CKI (crystal osc) with 1µs instruction cycle, one multi-
function 16-bit timer/counter, 8-bit 39 kHz PWM timer with 2
outputs, CAN 2.0B (passive) interface, MICROWIRE/
PLUS™ serial I/O, two Analog comparators, two power sav-
ing HALT/IDLE modes, idle timer, MIWU, software selectable
I/O options, Power on Reset, low EMI 4.5V to 5.5V opera-
tion, and 20/28 pin packages.
Note: A companion device with CAN interface, more I/O and
memory, A/D, and USART is the COP888EB.
Devices included in this datasheet are:
Device
Memory (bytes)
RAM (bytes)
I/O Pins
Packages
Temperature
COP684BC
2k ROM
64
18
28 SOIC
-55 to +125˚C
COP884BC
2k ROM
64
18
28 SOIC
-40 to +85˚C
COP685BC
2k ROM
64
10
20 SOIC
-55 to +125˚C
COP885BC
2k ROM
64
10
20 SOIC
-40 to +85˚C
Key Features
n CAN 2.0B (passive) Interface
n Power On Reset (selectable)
n One 16-bit timer, with two 16-bit registers supporting:
— Processor Independent PWM mode
— External Event counter mode
— Input Capture mode
n High speed, constant resolution 8-bit PWM/frequency
monitor timer with 2 output pins
n 2048 bytes on-board ROM
n 64 bytes on-board RAM
Additional Peripheral Features
n Idle Timer
n Multi-Input Wake Up (MIWU) with optional interrupts (7)
n Two analog comparators
n MICROWIRE/PLUS serial I/O
I/O Features
n Memory mapped I/O
n Software selectable I/O options (TRI-STATE® Output,
Push-Pull Output, Weak Pull-Up Input, High Impedance
Input)
n Schmitt trigger inputs on ports G and L
n Packages: 28 SO with 18 I/O pins and 20 SO with 10
I/O pins
CPU/Instruction Set Features
n 1 µs instruction cycle time
n Eleven multi-source vectored interrupts servicing
— External Interrupt
— Idle Timer T0
— Timer T1 (with 2 Interrupts)
— MICROWIRE/PLUS
— Multi-Input Wake Up
— Software Trap
— PWM Timer
— CAN Interface (with 3 interrupts)
n Versatile and easy to use instruction set
n 8-bit Stack Pointer (SP) — stack in RAM
n Two 8-bit Register Indirect Data Memory Pointers
(B and X)
Fully Static CMOS
n Two power saving modes: HALT and IDLE
n Low current drain (typically <1 µA)
n Single supply operation: 4.5V–5.5V
n Temperature ranges: −40˚C to +85˚C, −55˚C to +125˚C
Development Support
n Emulation and OTP devices
n Real time emulation and full program debug offered by
MetaLink Development Systems
COP8™, and MICROWIRE/PLUS™ are trademarks of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
iceMASTER® is a registered trademark of MetaLink Corporation.
September 1999
© 1999 National Semiconductor Corporation
DS012067
www.national.com


Similar Part No. - COP684BC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP684CL-XXX/WM NSC-COP684CL-XXX/WM Datasheet
445Kb / 40P
General Description
COP684CS NSC-COP684CS Datasheet
598Kb / 53P
8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
Texas Instruments
COP684CS TI1-COP684CS Datasheet
631Kb / 55P
COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
National Semiconductor ...
COP684EG NSC-COP684EG Datasheet
598Kb / 53P
8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP684EG NSC-COP684EG Datasheet
550Kb / 48P
8-Bit Microcontroller with UART and Three Multi-Function Timers
More results

Similar Description - COP684BC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP820CJ NSC-COP820CJ Datasheet
497Kb / 35P
8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
COP87L84BC NSC-COP87L84BC Datasheet
660Kb / 54P
8-Bit CMOS OTP Microcontrollers with 16k Memory, Comparators, and CAN Interface
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP8FG NSC-COP8FG Datasheet
801Kb / 59P
8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SG NSC-COP8SG Datasheet
913Kb / 62P
8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR728M8 NSC-COP8SGR728M8 Datasheet
815Kb / 61P
8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COPCH942C NSC-COPCH942C Datasheet
368Kb / 26P
8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com