Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP884CF Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP884CF
Description  8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP884CF Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button COP884CF Datasheet HTML 28Page - National Semiconductor (TI) COP884CF Datasheet HTML 29Page - National Semiconductor (TI) COP884CF Datasheet HTML 30Page - National Semiconductor (TI) COP884CF Datasheet HTML 31Page - National Semiconductor (TI) COP884CF Datasheet HTML 32Page - National Semiconductor (TI) COP884CF Datasheet HTML 33Page - National Semiconductor (TI) COP884CF Datasheet HTML 34Page - National Semiconductor (TI) COP884CF Datasheet HTML 35Page - National Semiconductor (TI) COP884CF Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
MICROWIRE/PLUS
MICROWIRE/PLUS is a serial synchronous communications
interface. The MICROWIRE/PLUS capability enables the de-
vice to interface with any of National Semiconductor’s MI-
CROWIRE peripherals (i.e. A/D converters, display drivers,
E
2PROMs etc.) and with other microcontrollers which sup-
port the MICROWIRE interface. It consists of an 8-bit serial
shift register (SIO) with serial data input (SI), serial data out-
put (SO) and serial shift clock (SK).
Figure 16 shows a block
diagram of the MICROWIRE/PLUS logic.
The shift clock can be selected from either an internal source
or an external source. Operating the MICROWIRE/PLUS ar-
rangement with the internal clock source is called the Master
mode of operation. Similarly, operating the MICROWIRE/
PLUS arrangement with an external shift clock is called the
Slave mode of operation.
The CNTRL register is used to configure and control the
MICROWIRE/PLUS mode. To use the MICROWIRE/PLUS,
the MSEL bit in the CNTRL register is set to one. In the mas-
ter mode the SK clock rate is selected by the two bits, SL0
and SL1, in the CNTRL register.
Table 7 details the different
clock rates that may be selected.
TABLE 7. MICROWIRE/PLUS
Master Mode Clock Selection
SL1
SL0
SK
0
0
2xt
c
0
1
4xt
c
1
x
8xt
c
Where t
c is the instruction cycle clock
MICROWIRE/PLUS OPERATION
Setting the BUSY bit in the PSW register causes the
MICROWIRE/PLUS to start shifting the data. It gets reset
when eight data bits have been shifted. The user may reset
the BUSY bit by software to allow less than 8 bits to shift. If
enabled, an interrupt is generated when eight data bits have
been shifted. The device may enter the MICROWIRE/PLUS
mode either as a Master or as a Slave.
Figure 17 shows how
two COP888CF microcontrollers and several peripherals
may be interconnected using the MICROWIRE/PLUS ar-
rangements.
Warning:
The SIO register should only be loaded when the SK clock is
low. Loading the SIO register while the SK clock is high will
result in undefined data in the SIO register. SK clock is nor-
mally low when not shifting.
Setting the BUSY flag when the input SK clock is high in the
MICROWIRE/PLUS slave mode may cause the current SK
clock for the SIO shift register to be narrow. For safety, the
BUSY flag should only be set when the input SK clock is low.
MICROWIRE/PLUS Master Mode Operation
In the MICROWIRE/PLUS Master mode of operation the
shift clock (SK) is generated internally. The MICROWIRE
Master always initiates all data exchanges. The MSEL bit in
the CNTRL register must be set to enable the SO and SK
functions onto the G Port. The SO and SK pins must also be
selected as outputs by setting appropriate bits in the Port G
configuration register.
Table 8 summarizes the bit settings
required for Master mode of operation.
DS009425-20
FIGURE 16. MICROWIRE/PLUS Block Diagram
DS009425-21
FIGURE 17. MICROWIRE/PLUS Application
www.national.com
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com