Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP884CF Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP884CF
Description  8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP884CF Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP884CF Datasheet HTML 1Page - National Semiconductor (TI) COP884CF Datasheet HTML 2Page - National Semiconductor (TI) COP884CF Datasheet HTML 3Page - National Semiconductor (TI) COP884CF Datasheet HTML 4Page - National Semiconductor (TI) COP884CF Datasheet HTML 5Page - National Semiconductor (TI) COP884CF Datasheet HTML 6Page - National Semiconductor (TI) COP884CF Datasheet HTML 7Page - National Semiconductor (TI) COP884CF Datasheet HTML 8Page - National Semiconductor (TI) COP884CF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
COP888CF
8-Bit CMOS ROM Based Microcontrollers with 4k
Memory and A/D Converter
General Description
The COP888CF ROM based microcontrollers are highly in-
tegrated COP8™ Feature core devices with 4k memory and
advanced features including an A/D Converter. These single-
chip CMOS devices are suited for applications requiring a
full featured controller with an 8-bit A/D converter. Pin and
software compatible (different V
CC
range) 16k/32k OTP
(One
Time
Programmable)
versions
are
available
(COP87L88CF Family) for pre-production, and for use with a
range of COP8 software and hardware development tools.
Family features include an 8-bit memory mapped architec-
ture, 10 MHz CKI with 1 µs instruction cycle, two multi-
function 16-bit timer/counters, MICROWIRE/PLUS™ serial
I/O, one 8-bit/8-channel A/D converter with prescaler and
both differential and single ended modes, crystal or R/C os-
cillator, two power saving HALT/IDLE modes, idle timer,
MIWU, high current outputs, software selectable I/O options,
WATCHDOG™ timer and Clock Monitor, 2.5V to 6.0V opera-
tion and 28/40/44 pin packages.
Devices included in this datasheet are:
Device
Memory
RAM
I/O Pins
Packages
Temperature
COP884CF
4k bytes ROM
128 bytes
22
28 DIP/SOIC
-40 to +85˚C
COP984CF
4k bytes ROM
128 bytes
22
28 DIP/SOIC
-0 to +70˚C
COP888CF
4k bytes ROM
128 bytes
34/38
40 DIP, 44 PLCC
-40 to +85˚C
COP988CF
4k bytes ROM
128 bytes
34/38
40 DIP, 44 PLCC
-0 to +70˚C
Key Features
n A/D converter (8-bit, 8-channel, with prescaler and both
differential and single ended modes)
n Two 16-bit timers, each with two 16-bit registers
supporting:
— Processor Independent PWM mode
— External Event counter mode
— Input Capture mode
n 4 kbytes of on-chip ROM
n 128 bytes of on-chip RAM
Additional Peripheral Features
n Idle Timer
n Multi-Input Wake Up (MIWU) with optional interrupts (8)
n WATCHDOG and Clock Monitor logic
n MICROWIRE/PLUS serial I/O
I/O Features
n Memory mapped I/O
n Software selectable I/O options (TRI-STATE®Output,
Push-Pull Output, Weak Pull-Up Input, High Impedance
Input)
n High current outputs
n Packages:
— 44 PLCC with 38 I/O pins
— 40 DIP with 34 I/O pins
— 28 DIP/SO with 22 I/O pins
n Schmitt trigger inputs on Port G
CPU/Instruction Set Feature
n 1 µs instruction cycle time
n Ten multi-source vectored interrupts servicing
— External interrupt with selectable edge
— Idle Timer T0
— Two Timers (Each with 2 interrupts)
— MICROWIRE/PLUS
— Multi-Input Wake Up
— Software Trap
— Default VIS (default interrupt)
n Versatile and easy to use instruction set
n 8-bit Stack Pointer (SP) — stack in RAM
n Two 8-bit Register Indirect Data Memory Pointers (B, X)
Fully Static CMOS
n Low current drain (typically < 1 µA)
n Single supply operation: 2.5V to 6.0V
n Temperature ranges: 0˚C to +70˚C, and
−40˚C to +85˚C
Development Support
n Emulation and OTP devices
n Real time emulation and full program debug offered by
MetaLink Development System
COP8™ is a trademark of National Semiconductor Corporation.
MICROWIRE™ is a trademark of National Semiconductor Corporation.
MICROWIRE/PLUS™ is a trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
WATCHDOG™ is a trademark of National Semiconductor Corporation.
iceMASTER™ is a trademark of MetaLink Corporation.
September 1999
© 1999 National Semiconductor Corporation
DS009425
www.national.com


Similar Part No. - COP884CF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP884CG NSC-COP884CG Datasheet
598Kb / 53P
8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP884CG NSC-COP884CG Datasheet
482Kb / 42P
8-Bit Microcontroller with UART and Three Multi-Function Timers
logo
Texas Instruments
COP884CG TI1-COP884CG Datasheet
631Kb / 55P
COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
National Semiconductor ...
COP884CG-XXX/N NSC-COP884CG-XXX/N Datasheet
482Kb / 42P
8-Bit Microcontroller with UART and Three Multi-Function Timers
COP884CG-XXX/WM NSC-COP884CG-XXX/WM Datasheet
482Kb / 42P
8-Bit Microcontroller with UART and Three Multi-Function Timers
More results

Similar Description - COP884CF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
COP888EK NSC-COP888EK Datasheet
553Kb / 46P
8-Bit CMOS ROM Based Microcontrollers with 8k Memory, Comparator, and Single-slope A/D Capability
COP888GD NSC-COP888GD Datasheet
437Kb / 42P
8-Bit CMOS ROM Based Microcontrollers with 16k
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP8ACC5 NSC-COP8ACC5 Datasheet
526Kb / 41P
8-Bit CMOS ROM Based Microcontrollers with 4k Memory and High Resolution A/D
COP8SE NSC-COP8SE Datasheet
491Kb / 47P
8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
COP8ACC NSC-COP8ACC Datasheet
578Kb / 43P
8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
logo
Zilog, Inc.
Z86C28 ZILOG-Z86C28 Datasheet
403Kb / 13P
CMOS 8-Bit Low-Cost 4K-ROM Microcontrollers
logo
Texas Instruments
COP888XG_CS TI1-COP888XG_CS Datasheet
631Kb / 55P
COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com