Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP884CF Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP884CF
Description  8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP884CF Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button COP884CF Datasheet HTML 11Page - National Semiconductor (TI) COP884CF Datasheet HTML 12Page - National Semiconductor (TI) COP884CF Datasheet HTML 13Page - National Semiconductor (TI) COP884CF Datasheet HTML 14Page - National Semiconductor (TI) COP884CF Datasheet HTML 15Page - National Semiconductor (TI) COP884CF Datasheet HTML 16Page - National Semiconductor (TI) COP884CF Datasheet HTML 17Page - National Semiconductor (TI) COP884CF Datasheet HTML 18Page - National Semiconductor (TI) COP884CF Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
Reset
The RESET input when pulled low initializes the microcon-
troller. Initialization will occur whenever the RESET input is
pulled low. Upon initialization, the data and configuration
registers for Ports L, G, and C are cleared, resulting in these
Ports being initialized to the TRI-STATE mode. Pin G1 of the
G Port is an exception (as noted below) since pin G1 is dedi-
cated as the WatchDog and/or Clock Monitor error output
pin. Port D is initialized high with RESET. The PC, PSW, CN-
TRL, ICNTRL, and T2CNTRL control registers are cleared.
The Multi-Input Wakeup registers WKEN, WKEDG, and
WKPNDare cleared. The A/D control register ENAD is
cleared, resulting in the ADC being powered down initially.
The Stack Pointer, SP, is initialized to 06F Hex.
The device comes out of reset with both the WatchDog logic
and the Clock Monitor detector armed, and with both the
WatchDog service window bits set and the Clock Monitor bit
set. The WatchDog and Clock Monitor detector circuits are
inhibited during reset. The WatchDog service window bits
are initialized to the maximum WatchDog service window of
64k t
c clock cycles. The Clock Monitor bit is initialized high,
and will cause a Clock Monitor error following reset if the
clock has not reached the minimum specified frequency at
the termination of reset. A Clock Monitor error will cause an
active low error output on pin G1. This error output will con-
tinue until 16–32 t
c clock cycles following the clock fre-
quency reaching the minimum specified value, at which time
the G1 output will enter the TRI-STATE mode.
The external RC network shown in
Figure 5 should be used
to ensure that the RESET pin is held low until the power sup-
ply to the chip stabilizes.
Oscillator Circuits
The chip can be driven by a clock input on the CKI input pin
which can be between DC and 10 MHz. The CKO output
clock is on pin G7 (crystal configuration). The CKI input fre-
quency is divided down by 10 to produce the instruction
cycle clock (1/t
c).
Figure 6 shows the Crystal and R/C diagrams.
CRYSTAL OSCILLATOR
CKI and CKO can be connected to make a closed loop crys-
tal (or resonator) controlled oscillator.
Table 1 shows the component values required for various
standard crystal values.
R/C OSCILLATOR
By selecting CKI as a single pin oscillator input, a single pin
R/C oscillator circuit can be connected to it. CKO is available
as a general purpose input, and/or HALT restart pin.
Table 2 shows the variation in the oscillator frequencies as
functions of the component (R and C) values.
TABLE 1. Crystal Oscillator Configuration, T
A = 25˚C
R1
R2
C1
C2
CKI
Freq
Conditions
(k
Ω)(MΩ)
(pF)
(pF)
(MHz)
0
1
30
30–36
10
V
CC = 5V
0
1
30
30–36
4
V
CC = 5V
0
1
200
100–150
0.455
V
CC = 5V
TABLE 2. R/C Oscillator Configuration, T
A = 25˚C
R
C
CKI Freq
Instr.
Cycle
Conditions
(k
Ω)
(pF)
(MHz)
(µs)
3.3
82
2.2 to 2.7
3.7 to 4.6
V
CC = 5V
5.6
100
1.1 to 1.3
7.4 to 9.0
V
CC = 5V
6.8
100
0.9 to 1.1
8.8 to 10.8
V
CC = 5V
Note: 3k
≤ R ≤ 200k
50 pF
≤ C ≤ 200 pF
DS009425-7
RC > 5 x Power Supply Rise Time
FIGURE 5. Recommended Reset Circuit
DS009425-8
DS009425-9
FIGURE 6. Crystal and R/C Oscillator Diagrams
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com