Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP884CF Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP884CF
Description  8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP884CF Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button COP884CF Datasheet HTML 18Page - National Semiconductor (TI) COP884CF Datasheet HTML 19Page - National Semiconductor (TI) COP884CF Datasheet HTML 20Page - National Semiconductor (TI) COP884CF Datasheet HTML 21Page - National Semiconductor (TI) COP884CF Datasheet HTML 22Page - National Semiconductor (TI) COP884CF Datasheet HTML 23Page - National Semiconductor (TI) COP884CF Datasheet HTML 24Page - National Semiconductor (TI) COP884CF Datasheet HTML 25Page - National Semiconductor (TI) COP884CF Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
A/D Converter (Continued)
A/D Control Register
A control register, Reg: ENAD, contains 3 bits for channel se-
lection, 3 bits for prescaler selection, and 2 bits for mode se-
lection. An A/D conversion is initiated by writing to the ENAD
control register. The result of the conversion is available to
the user from the A/D result register, Reg: ADRSLT.
Reg: ENAD
CHANNEL
SELECT
MODE
SELECT
PRESCALER
SELECT
Bits 7, 6, 5
Bits 4,3
Bits 2, 1, 0
CHANNEL SELECT
This 3-bit field selects one of eight channels to be the V
IN+.
The mode selection determines the V
IN− input.
Single Ended mode:
Bit 7
Bit 6
Bit 5
Channel No.
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7
Differential mode:
Bit 7
Bit 6
Bit 5
Channel Pairs (+. −)
000
0, 1
001
1, 0
010
2, 3
011
3, 2
100
4, 5
101
5, 4
110
6, 7
111
7, 6
MODE SELECT
This 2-bit field is used to select the mode of operation (single
conversion, continuous conversions, differential, single
ended) as shown in the following table.
Bit 4
Bit 3
Mode
0
0
Single Ended mode, single conversion
0
1
Single Ended mode, continuous scan
of a single channel into the result
register
1
0
Differential mode, single conversion
1
1
Differential mode, continuous scan of
a channel pair into the result register
PRESCALER SELECT
This 3-bit field is used to select one of the seven prescaler
clocks for the A/D converter. The prescaler also allows the
A/D clock inhibit power saving mode to be selected. The fol-
lowing table shows the various prescaler options.
Bit 2
Bit 1
Bit 0
Clock Select
0
0
0
Inhibit A/D clock
0
0
1
Divide by 1
0
1
0
Divide by 2
0
1
1
Divide by 4
1
0
0
Divide by 6
1
0
1
Divide by 12
1
1
0
Divide by 8
1
1
1
Divide by 16
ADC Operation
The A/D converter interface works as follows. Writing to the
A/D control register ENAD initiates an A/D conversion unless
the prescaler value is set to 0, in which case the ADC clock
is stopped and the ADC is powered down. The conversion
sequence starts at the beginning of the write to ENAD opera-
tion powering up the ADC. At the first falling edge of the con-
verter clock following the write operation (not counting the
falling edge if it occurs at the same time as the write opera-
tion ends), the sample signal turns on for two clock cycles.
The ADC is selected in the middle of the sample period. If the
ADC is in single conversion mode, the conversion complete
signal from the ADC will generate a power down for the A/D
converter. If the ADC is in continuous mode, the conversion
complete signal will restart the conversion sequence by de-
selecting the ADC for one converter clock cycle before start-
ing the next sample. The ADC 8-bit result is loaded into the
A/D result register (ADRSLT) except during LOAD clock
high, which prevents transient data (resulting from the ADC
writing a new result over an old one) being read from
ADRSLT.
Inadvertant changes to the ENAD register during conversion
are prevented by the control logic of the A/D. Any attempt to
write any bit of the ENAD Register except ADBSY, while
ADBSY is a one, is ignored. ADBSY must be cleared either
by completion of an A/D conversion or by the user before the
prescaler, conversion mode or channel select values can be
changed. After stopping the current conversion, the user can
load different values for the prescaler, conversion mode or
channel select and start a new conversion in one instruction.
It is important for the user to realize that, when used in differ-
ential mode, only the positive input to the A/D converter is
sampled and held. The negative input is constantly con-
nected and should be held stable for the duration of the con-
version. Failure to maintain a stable negative input will result
in incorrect conversion.
PRESCALER
The A/D Converter (ADC) contains a prescaler option which
allows seven different clock selections. The A/D clock fre-
quency is equal to CKI divided by the prescaler value. Note
that the prescaler value must be chosen such that the A/D
clock falls within the specified range. The maximum A/D fre-
quency is 1.67 MHz. This equates to a 600 ns ADC clock
cycle.
The A/D converter takes 12 ADC clock cycles to complete a
conversion. Thus the minimum ADC conversion time for the
device is 7.2 µs when a prescaler of 6 has been selected.
These 12 ADC clock cycles necessary for a conversion con-
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com