Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC
Description  HCMOS family characteristics
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC Datasheet HTML 1Page - NXP Semiconductors 74HC Datasheet HTML 2Page - NXP Semiconductors 74HC Datasheet HTML 3Page - NXP Semiconductors 74HC Datasheet HTML 4Page - NXP Semiconductors 74HC Datasheet HTML 5Page - NXP Semiconductors 74HC Datasheet HTML 6Page - NXP Semiconductors 74HC Datasheet HTML 7Page - NXP Semiconductors 74HC Datasheet HTML 8Page - NXP Semiconductors 74HC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
March 1988
5
Philips Semiconductors
HCMOS family characteristics
FAMILY SPECIFICATIONS
DC CHARACTERISTICS FOR 74HCT
Voltages are referenced to GND (ground = 0 V)
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
VI
OTHER
+25
−40 to +85 −40 to +125
min.
typ.
max. min. max. min.
max.
VIH
HIGH level input
voltage
2.0
1.6
2.0
2.0
V
4.5
to
5.5
VIL
LOW level input
voltage
1.2
0.8
0.8
0.8
V
4.5
to
5.5
VOH
HIGH level output
voltage
all outputs
4.4
4.5
4.4
4.4
V
4.5
VIH
or
VIL
−IO = 20 µA
VOH
HIGH level output
voltage
standard outputs
3.98
4.32
3.84
3.7
V
4.5
VIH
or
VIL
−IO = 4.0 mA
VOH
HIGH level output
voltage
bus driver outputs
3.98
4.32
3.84
3.7
V
4.5
VIH
or
VIL
−IO = 6.0 mA
VOL
LOW level output
voltage
all outputs
0
0.1
0.1
0.1
V
4.5
VIH
or
VIL
IO = 20 µA
VOL
LOW level output
voltage
standard outputs
0.15
0.26
0.33
0.4
V
4.5
VIH
or
VIL
IO = 4.0 mA
VOL
LOW level output
voltage
bus driver outputs
0.16
0.26
0.33
0.4
V
4.5
VIH
or
VIL
IO = 6.0 mA
±I
I
input leakage
current
0.1
1.0
1.0
µA
5.5
VCC
or
GND
±IOZ
3-state OFF-state
current
0.5
5.0
10.0
µA
5.5
VIH
or
VIL
VO =VCC or
GND per input
pin;
other inputs at
VCC or GND;
IO = 0
ICC
quiescent supply
current
SSI
2.0
20.0
40.0
µA
5.5
VCC
or
GND
IO = 0
flip-flops
4.0
40.0
80.0
5.5
IO = 0
MSI
8.0
80.0
160.0
5.5
IO = 0
LSI
50.0
500
1000
5.5
IO = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com