Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74HC
Description  HCMOS family characteristics
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74HC Datasheet HTML 10Page - NXP Semiconductors 74HC Datasheet HTML 11Page - NXP Semiconductors 74HC Datasheet HTML 12Page - NXP Semiconductors 74HC Datasheet HTML 13Page - NXP Semiconductors 74HC Datasheet HTML 14Page - NXP Semiconductors 74HC Datasheet HTML 15Page - NXP Semiconductors 74HC Datasheet HTML 16Page - NXP Semiconductors 74HC Datasheet HTML 17Page - NXP Semiconductors 74HC Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
March 1988
14
Philips Semiconductors
HCMOS family characteristics
FAMILY SPECIFICATIONS
AC waveforms 74HCT (continued)
Test circuit for 74HCT
Fig.11 Propagation delays of 3-state outputs.
handbook, full pagewidth
MGK566
tPLZ
tPHZ
outputs
disabled
outputs
enabled
90%
10%
10%
90%
1.3 V
outputs
enabled
OUTPUT
LOW-to-OFF
OFF-to-LOW
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
OUTPUT
ENABLE
tPZL
tf
tr
tPZH
1.3 V
1.3 V
Switch position
Note
1. For open-drain N-channel outputs tPLZ and tPZL are applicable.
TEST
SWITCH
tPZH
tPZL
tPHZ
tPLZ
GND
VCC
GND
VCC
Fig.12 Test circuit for 3-state outputs.
CL
=
load capacitance including jig and probe capacitance
(see AC CHARACTERISTICS for values).
RT
=
termination resistance should be equal to the output impedance Zo of
the pulse generator.
handbook, full pagewidth
MGK563
D.U.T
VCC
VCC
VI
VO
RT
RL = 1 kΩ
CL
50 pF
PULSE
GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com