Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HC
Description  HCMOS family characteristics
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC Datasheet HTML 6Page - NXP Semiconductors 74HC Datasheet HTML 7Page - NXP Semiconductors 74HC Datasheet HTML 8Page - NXP Semiconductors 74HC Datasheet HTML 9Page - NXP Semiconductors 74HC Datasheet HTML 10Page - NXP Semiconductors 74HC Datasheet HTML 11Page - NXP Semiconductors 74HC Datasheet HTML 12Page - NXP Semiconductors 74HC Datasheet HTML 13Page - NXP Semiconductors 74HC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
March 1988
10
Philips Semiconductors
HCMOS family characteristics
FAMILY SPECIFICATIONS
HC TYPES
AC waveforms 74HC
AC waveforms 74HC
Fig.3 Input rise and fall times, transition times and propagation delays for combinatorial logic ICs.
handbook, halfpage
MGK564
10%
90%
90%
50%
50%
INPUT
OUTPUT
tr
tf
tPHL
tTHL
tPLH
tTLH
10%
GND
VCC
handbook, full pagewidth
MGK569
10 %
90%
50%
CLOCK
INPUT
VCC
GND
50%
DATA
INPUT
VCC
GND
10%
90%
50%
OUTPUT
tsu
tPHL
tPLH
tsu
tTLH
tTHL
50%
SET,
RESET,
PRESET
INPUT
VCC
GND
tr
tf
tWH
th
th
tWL
trem
1/fmax
Fig.4
Set-up times, hold times, removal times, propagation delays and the maximum clock pulse frequency for
sequential logic ICs.
(1) In Fig.4 the active transition of the clock is going from LOW-to-HIGH and the active level of the forcing signals (SET, RESET
and PRESET) is HIGH. The actual direction of the transition of the clock input and the actual active levels of the forcing signals
are specified in the individual device data sheet.
(2) For AC measurements: tr =tf = 6 ns; when measuring fmax, there is no constraint on tr,tf with 50% duty factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com