Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC
Description  HCMOS family characteristics
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC Datasheet HTML 3Page - NXP Semiconductors 74HC Datasheet HTML 4Page - NXP Semiconductors 74HC Datasheet HTML 5Page - NXP Semiconductors 74HC Datasheet HTML 6Page - NXP Semiconductors 74HC Datasheet HTML 7Page - NXP Semiconductors 74HC Datasheet HTML 8Page - NXP Semiconductors 74HC Datasheet HTML 9Page - NXP Semiconductors 74HC Datasheet HTML 10Page - NXP Semiconductors 74HC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
March 1988
7
Philips Semiconductors
HCMOS family characteristics
FAMILY SPECIFICATIONS
DC CHARACTERISTICS FOR 74HCU
Voltages are referenced to GND (ground = 0 V)
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCU
VCC
(V)
VI
OTHER
+25
−40 to +85 −40 to +125
min. typ. max. min. max. min.
max.
VIH
HIGH level input
voltage
1.7
1.4
1.7
1.7
V
2.0
3.6
2.6
3.6
3.6
4.5
4.8
3.4
4.8
4.8
6.0
VIL
LOW level input
voltage
0.6
0.3
0.3
0.3
V
2.0
1.9
0.9
0.9
0.9
4.5
2.6
1.2
1.2
1.2
6.0
VOH
HIGH level output
voltage
1.8
2.0
1.8
1.8
V
2.0
VIH
or
VIL
−IO = 20 µA
4.0
4.5
4.0
4.0
4.5
−I
O = 20 µA
5.5
6.0
5.5
5.5
6.0
−IO = 20 µA
VOH
HIGH level output
voltage
3.98 4.32
3.84
3.7
V
4.5
VCC
or
GND
−IO = 4.0 mA
5.48 5.81
5.34
5.2
6.0
−I
O = 5.2 mA
VOL
LOW level output
voltage
0
0.2
0.2
0.2
V
2.0
VIH
or
VIL
IO = 20 µA
0
0.5
0.5
0.5
4.5
IO = 20 µA
0
0.5
0.5
0.5
6.0
IO = 20 µA
VOL
LOW level output
voltage
0.15 0.26
0.33
0.4
V
4.5
VCC
or
GND
IO = 4.0 mA
0.16 0.26
0.33
0.4
6.0
IO = 5.2 mA
±II
input leakage current
0.1
1.0
1.0
µA
6.0
VCC
or
GND
ICC
quiescent supply
current SSI
2.0
20.0
40.0
µA
6.0
VCC
or
GND
IO =0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com