Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP688EB Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP688EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688EB Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button COP688EB Datasheet HTML 67Page - National Semiconductor (TI) COP688EB Datasheet HTML 68Page - National Semiconductor (TI) COP688EB Datasheet HTML 69Page - National Semiconductor (TI) COP688EB Datasheet HTML 70Page - National Semiconductor (TI) COP688EB Datasheet HTML 71Page - National Semiconductor (TI) COP688EB Datasheet HTML 72Page - National Semiconductor (TI) COP688EB Datasheet HTML 73Page - National Semiconductor (TI) COP688EB Datasheet HTML 74Page - National Semiconductor (TI) COP688EB Datasheet HTML 75Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 72 / 75 page
background image
Development Tools Support
(Continued)
COP8 Productivity Enhancement Tools
•
WCOP8 IDE: Very Low cost IDE (Integrated Develop-
ment Environment) from KKD. Supports COP8C, COP8-
NSASM, COP8-MLSIM, DriveWay COP8, and MetaLink
debugger under a common Windows Project Manage-
ment environment. Code development, debug, and emu-
lation tools can be launched from the project window
framework.
•
DriveWay-COP8: Low cost COP8 Peripherals Code
Generation tool from Aisys Corporation. Automatically
generates tested and documented C or Assembly source
code modules containing I/O drivers and interrupt han-
dlers for each on-chip peripheral. Application specific
code can be inserted for customization using the inte-
grated editor. (Compatible with COP8-NSASM, COP8C,
and WCOP8 IDE.)
•
COP8-UTILS: Free set of COP8 assembly code ex-
amples, device drivers, and utilities to speed up code de-
velopment.
•
COP8-MLSIM: Free Instruction Level Simulator tool for
Windows. For testing and debugging software instruc-
tions only (No I/O or interrupt support).
COP8 Real-Time Emulation Tools
•
COP8-DM: MetaLink Debug Module. A moderately
priced real-time in-circuit emulation tool, with COP8 de-
vice programmer. Includes COP8-NSDEV, DriveWay
COP8 Demo, MetaLink Debugger, power supply, emula-
tion cables and adapters.
•
IM-COP8: MetaLink iceMASTER®. A full featured, real-
time in-circuit emulator for COP8 devices. Includes Met-
aLink Windows Debugger, and power supply. Package-
specific probes and surface mount adaptors are ordered
separately.
COP8 Device Programmer Support
•
MetaLink’s EPU and Debug Module include development
device programming capability for COP8 devices.
•
Third-party programmers and automatic handling equip-
ment cover needs from engineering prototype and pilot
production, to full production environments.
•
Factory programming available for high-volume require-
ments.
TOOLS ORDERING NUMBERS FOR THE COP888EB FAMILY DEVICES
Vendor
Tools
Order Number
Cost
Notes
National
COP8-NSEVAL
COP8-NSEVAL
Free
Web site download
COP8-NSASM
COP8-NSASM
Free
Included in EPU and DM. Web site download
COP8-MLSIM
COP8-MLSIM
Free
Included in EPU and DM. Web site download
COP8-NSDEV
COP8-NSDEV
VL
Included in EPU and DM. Order CD from website
COP8-EPU
Not available for this device
COP8-DM
Contact MetaLink
Development
Devices
COP87L88EB/RB
VL
16k or 32k OTP devices
OTP
Programming
Adapters
EDI -44+68PL/40D-
ZAL-W-COP888EB
L
For programming 44/68 PLCC on any programmer.
Contact EDI
IM-COP8
Contact MetaLink
MetaLink COP8-EPU
Not available for this device
COP8-DM
DM4-COP8-888EB (10
MHz), plus PS-10, plus
DM-COP8/xxx (ie. 44P)
M
Included p/s (PS-10), target cable of choice (PLCC;
i.e. DM-COP8/40P), EDI 44/68 PLCC OTP adapter
OTP
Programming
Adapters
EDI -44/68PL/40D-
ZAL-W-COP888EB
L
For programming 44/68 PLCC
IM-COP8
IM-COP8-AD-464 (-220)
(10 MHz maximum)
H
Base unit 10 MHz; -220 = 220V; add probe card
(required) and target adapter (if needed); included
software and manuals
IM Probe Card
PC-888EB44P5-AD-10
M
10 MHz 44 PLCC probe card; 2.5V to 6.0V
PC-888EB68P5-AD-10
M
10 MHz 68 PLCC probe card; 2.5V to 6.0V
ICU
COP8-EVAL
Not available for this device
KKD
WCOP8-IDE
WCOP8-IDE
VL
Included in EPU and DM
IAR
EWCOP8-xx
See summary above
L - H
Included all software and manuals
Byte
Craft
COP8C
COP8C
M
Included all software and manuals
Aisys
DriveWay COP8
DriveWay COP8
L
Included all software and manuals
www.national.com
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com