Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP688EB Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP688EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688EB Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button COP688EB Datasheet HTML 4Page - National Semiconductor (TI) COP688EB Datasheet HTML 5Page - National Semiconductor (TI) COP688EB Datasheet HTML 6Page - National Semiconductor (TI) COP688EB Datasheet HTML 7Page - National Semiconductor (TI) COP688EB Datasheet HTML 8Page - National Semiconductor (TI) COP688EB Datasheet HTML 9Page - National Semiconductor (TI) COP688EB Datasheet HTML 10Page - National Semiconductor (TI) COP688EB Datasheet HTML 11Page - National Semiconductor (TI) COP688EB Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
DC Electrical Characteristics COP68xEB (Continued)
Note 11: Supply current is measured after running 2000 cycles with a square wave CKI input, CKO open, inputs at VCC or GND, and outputs open.
Note 12: The HALT mode will stop CKI from oscillating in the Crystal configurations. Halt test conditions: All inputs tied to VCC; Port C, G, E, F, L, M and N I/Os con-
figured as outputs and programmed low; D outputs programmed high. Parameter refers to HALT mode entered via setting bit 7 of the Port G data register. Part will
pull up CKI during HALT in crystal clock mode. Both CAN main comparator and the CAN Wakeup comparator need to be disabled.
Note 13: HALT and IDLE current specifications assume CAN block comparators are disabled.
Note 14: Pins G6 and RESET are designed with a high voltage input network. These pins allow input voltages greater than VCC and the pins will have isnk current
to VCC when biased at voltages greater than VCC (the pins do not have source current when biased at a voltage below VCC). The effective resistance to VCC is 750Ω
(typical). These two pins will not latch up. The voltage at the pins must be limited to less than 14V.
Note 15: Condition and parameter valid only for part in HALT mode.
Note 16: Parameter characterized but not tested.
AC Electrical Characteristics COP68xEB and COP88xEB
−55˚C
≤ T
A ≤ +125˚C
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (t
c)
Crystal/Resonator
V
CC ≥ 4.5V
1.0
DC
µs
Inputs
t
SETUP
V
CC ≥ 4.5V
200
ns
t
HOLD
V
CC ≥ 4.5V
60
ns
Output Propagation Delay (t
PD1,tPD0) (Note 19)
C
L = 100 pF, RL = 2.2 kΩ
SK, SO
V
CC ≥ 4.5V
0.7
µs
All others
V
CC ≥ 4.5V
1
µs
MICROWIRE
Setup Time (t
UWS) (Note 20)
20
ns
Hold Time (t
UWH) (Note 20)
56
ns
Output Pop Delay (t
UPD)
220
ns
Input Pulse Width
Interrupt High Time
1
t
c
Interrupt Low Time
1t
c
Timer 1, 2 High Time
1
t
c
Timer 1, 2 Low Time
1
t
c
Reset Pulse Width (Note 20)
1.0
µs
tc = Instruction Cycle Time
Note 17: The maximum bus speed achievable with the CAN interface is a function of crystal frequency, message length and software overhead. The device can sup-
port a bus speed of up to 1 Mbit/S with a 10 MHz oscillator and 2 byte messages. The 1M bus speed refers to the rate at which protocol and data bits are transferred
on the bus. Longer messages require slower bus speeds due to the time required for software intervention between data bytes. The device will support a maximum
of 125k bits/s with eight byte messages and a 10 MHz oscillator.
Note 18: For device testing purpose of all AC parameters, VOH will be tested at 0.5*VCC.
Note 19: The output propagation delay is referenced to the end of the instruction cycle where the output change occurs.
Note 20: Parameter not tested.
On-Chip Voltage Reference
−55˚C
≤ T
A ≤ +125˚C
Parameter
Conditions
Min
Max
Units
Reference Voltage
I
OUT < 80 µA,
0.5V
CC −0.12
0.5V
CC +0.12
V
V
REF
V
CC =5V
Reference Supply
I
OUT = 0A, (No Load)
120
µA
Current, I
DD
V
CC = 5V (Note 21)
Note 21: Reference supply IDD is supplied for information purposes only, it is not tested.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com