Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP688EB Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP688EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688EB Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button COP688EB Datasheet HTML 19Page - National Semiconductor (TI) COP688EB Datasheet HTML 20Page - National Semiconductor (TI) COP688EB Datasheet HTML 21Page - National Semiconductor (TI) COP688EB Datasheet HTML 22Page - National Semiconductor (TI) COP688EB Datasheet HTML 23Page - National Semiconductor (TI) COP688EB Datasheet HTML 24Page - National Semiconductor (TI) COP688EB Datasheet HTML 25Page - National Semiconductor (TI) COP688EB Datasheet HTML 26Page - National Semiconductor (TI) COP688EB Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
Functional Block Description of
the CAN Interface
Interface Management Logic (IML)
The IML executes the CPU’s transmission and reception
commands and controls the data transfer between CPU,
Rx/Tx and CAN registers. It provides the CAN Interface with
Rx/Tx data from the memory mapped Register Block. It also
sets and resets the CAN status information and generates
interrupts to the CPU.
Bit Stream Processor (BSP)
The BSP is a sequencer controlling the data stream between
The Interface Management Logic (parallel data) and the bus
line (serial data). It controls the transceive logic with regard
to reception and arbitration, and creates error signals ac-
cording to the bus specification.
Transceive Logic (TCL)
The TCL is a state machine which incorporates the bit stuff
logic and controls the output drivers, CRC logic and the
Rx/Tx shift registers. It also controls the synchronization to
the bus with the CAN clock signal generated by the BTL.
Error Management Logic (EML)
The EML is responsible for the fault confinement of the CAN
protocol. It is also responsible for changing the error
counters, setting the appropriate error flag bits and interrupts
and changing the error status (passive, active and bus off).
Cyclic Redundancy Check (CRC)
Generator and Register
The CRC Generator consists of a 15-bit shift register and the
logic required to generate the checksum of the destuffed bit-
stream. It informs the EML about the result of a receiver
checksum.
The checksum is generated by the polynomial:
χ15 + χ14 + χ10 + χ8 + χ7 + χ4 + χ3 −1
Receive/Transmit (Rx/Tx) Registers
The Rx/Tx registers are 8-bit shift registers controlled by the
TCL and the BSP. They are loaded or read by the Interface
Management Logic, which holds the data to be transmitted
or the data that was received.
Bit Time Logic (BTL)
The bit time logic divider divides the CKI input clock by the
value defined in the CAN prescaler (CSCAL) and bus timing
register (CTIM). The resultig bit time (tcan) can be computed
by the formula:
Where
divider is the value of the clock prescaler, PS is the
programmable value of phase segment 1 and 2 (1..8) and
PPS the programmed value of the propagation segment
(1..8) (located in CTIM).
Bus Timing Considerations
The internal architecture of the CAN interface has been op-
timized to allow fast software response times within mes-
sages of more than two data bytes. The TBE (Transmit
Buffer Empty) bit is set on the last bit of odd data bytes when
CAN internal sample points are high.
It is the user’s responsibility to ensure that the time between
setting TBE and a reload of TxD2 is longer than the length of
phase segment 2 as indicated in the following equation:
Table 3 shows examples of the minimum required t
LOAD for
different CSCAL settings based on a clock frequency of
10 MHz. Lower clock speeds require recalculation of the
CAN bit rate and the mimimum t
LOAD.
TABLE 3. CAN Timing (CKI = 10 MHz, t
c = 1 µs)
PS
CSCAL
CAN Bit Rate (kbit/s)
Minimum
t
LOAD (µs)
4
3
250
2.0
4
9
100
5.0
4
15
62
8.0
4
24
40
12.5
439
25
20
499
10
50
4
199
5
100
Figure 16 illustrates the minimum time required for t
LOAD.
DS012837-17
FIGURE 15. Bit Rate Generation
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com