Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP688EB Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP688EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688EB Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button COP688EB Datasheet HTML 15Page - National Semiconductor (TI) COP688EB Datasheet HTML 16Page - National Semiconductor (TI) COP688EB Datasheet HTML 17Page - National Semiconductor (TI) COP688EB Datasheet HTML 18Page - National Semiconductor (TI) COP688EB Datasheet HTML 19Page - National Semiconductor (TI) COP688EB Datasheet HTML 20Page - National Semiconductor (TI) COP688EB Datasheet HTML 21Page - National Semiconductor (TI) COP688EB Datasheet HTML 22Page - National Semiconductor (TI) COP688EB Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
Power Save Modes (Continued)
256 and is clocked with the t
c instruction cycle clock. The tc
clock is derived by dividing the oscillator clock down by a fac-
tor of 10. The Schmitt trigger following the CKI inverter on
the chip ensures that the IDLE timer is clocked only when the
oscillator has a sufficiently large amplitude to meet the
Schmitt trigger specifications. This Schmitt trigger is not part
of the oscillator closed loop. The start-up time-out from the
IDLE timer enables the clock signals to be routed to the rest
of the chip.
The device has two mask options associated with the HALT
mode. The first mask option enables the HALT mode feature,
while the second mask option disables the HALT mode. With
the HALT mode enable mask option, the device will enter
and exit the HALT mode as described above. With the HALT
disable mask option, the device cannot be placed in the
HALT mode (writing a “1” to the HALT flag will have to effect).
IDLE MODE
The device is placed in the IDLE mode by writing a “1” to the
IDLE flag (G6 data bit). In this mode, all activity, except the
associated on-board oscillator circuitry, ad the IDLE Timer
T0, is stopped. The power supply requirements of the micro-
controller in this mode of operation are typically around 30%
of normal power requirement of the microcontroller.
As with the HALT mode, the device can be returned to nor-
mal operation with a reset, or with a Multi-Input Wakeup from
the Port L or CAN Interface. Alternately, the microcontroller
resumes normal operation from the IDLE mode when the
thirteenth bit (representing 4.096 ms at internal clock fre-
quency of 1 MHz, t
c = 1 µs) of the IDLE Timer toggles.
This toggle condition of the thirteenth bit of the IDLE Timer
T0 is latched into the T0PND pending flag.
The user has the option of being interrupted with a transition
on the thirteenth bit of the IDLE Timer T0. The interrupt can
be enabled or disabled via the T0EN control bit. Setting the
T0EN flag enables the interrupt and vice versa.
The user can enter the IDLE mode with the Timer T0 inter-
rupt enabled. In this case, when the T0PND bit gets set, the
device will first execute the Timer T0 interrupt service routine
and then return to the instruciton following the “Enter Idle
Mode” instruction.
Alternatively, the user can enter the IDLE mode with the
IDLE Timer T0 interrupt disabled. In this case, the device will
resume normal operation with the instruction immediately
following the “Enter IDLE Mode” instruction.
Note: It is necessary to program two NOP instructions following both the set
HALT mode and set IDLE mode instructions. These NOP instructions
are necessary to allow clock resynchronization following the HALT or
IDLE modes.
Multi-Input Wakeup
The Multi-Input Wakeup feature is used to return (wakeup)
the device from either the HALT or IDLE modes. Alternately,
the Multi-Input Wakeup/Interrupt feature may also be used to
generate up to 7 edge selectable external interrupts.
Note: The following description is for both the Port L and the M port. When
the document refers to the registers WKEGD, WKEN or WKPND, the
user will have to put either M (for M port) or L (for port) in front of the
register, i.e., LWKEN (Port L WKEN), MWKEN (Port M WKEN).
Figures 12, 13 shows the Multi-Input Wakeup logic for the
microcontroller. The Multi-Input Wakeup feature utilizes the L
Port. The user selects which particular Port L bit (or combi-
nation of Port L bits) will cause the device to exit the HALT or
IDLE modes. The selection is done through the Reg: WKEN.
The Reg: WKEN is an 8-bit read/write register, which con-
tains a control bit for every Port L bit. Setting a particular
WKEN bit enables a Wakeup from the associated Port L pin.
The user can select whether the trigger condition on the se-
lected Port L pin is going to be either a positive edge (low to
high transition) or a negative edge (high to low transition).
This selection is made via the Reg: WKEDG, which is an
8-bit control register with a bit assigned to each Port L pin.
Setting the control bit will select the trigger condition to be a
negative edge on that particular Port L pin. Resetting the bit
selects the trigger condition to be a positive edge. Changing
an edge select entails several steps in order to avoid a
pseudo Wakeup condition as a result of the edge change.
First, the associated WKEN bit should be reset, followed by
the edge select change in WKEDG. Next, the associated
WKPND bit should be cleared, followed by the associated
WKEN bit being re-enabled.
An example may serve to clarify this procedure. Suppose we
wish to change the edge select from positive (low going high)
to negative (high going low) for Port L bit 5, where bit 5 has
previously been enabled for an input interrupt. The program
would be as follows:
RBIT 5, WKEN
; Disable MIWU
SBIT 5, WKEDG
; Change edge polarity
RBIT 5, WKPND
; Reset pending flag
SBIT 5, WKEN
; Enable MIWU
If the Port L bits have been used as outputs and then
changed to inputs with Multi-Input Wakeup/Interrupt, a safety
procedure should also be followed to avoid inherited pseudo
wakeup conditions. After the selected Port L bits have been
changed from output to input but before the associated
WKEN bits are enabled, the associated edge select bits in
WKEDG should be set or reset for the desired edge selects,
followed by the assoicated WKPND bits being cleared.
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com