Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7457 Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7457
Description  8-PIN SYNCHRONOUS PWM CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7457 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF7457 Datasheet HTML 3Page - International Rectifier IRF7457 Datasheet HTML 4Page - International Rectifier IRF7457 Datasheet HTML 5Page - International Rectifier IRF7457 Datasheet HTML 6Page - International Rectifier IRF7457 Datasheet HTML 7Page - International Rectifier IRF7457 Datasheet HTML 8Page - International Rectifier IRF7457 Datasheet HTML 9Page - International Rectifier IRF7457 Datasheet HTML 10Page - International Rectifier IRF7457 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
IRU3037 / IRU3037A
7
Rev. 2.8
03/10/03
www.irf.com
For this design, IRF7301 is a good choice. The device
provides low on-resistance in a compact SOIC 8-Pin
package.
The IRF7301 has the following data:
The total conduction losses will be:
The switching loss is more difficult to calculate, even
though the switching transition is well understood. The
reason is the effect of the parasitic components and
switching times during the switching procedures such
as turn-on / turnoff delays and rise and fall times. With a
linear approximation, the total switching loss can be ex-
pressed as:
The switching time waveform is shown in figure 4.
Figure 4 - Switching time waveforms.
From IRF7301 data sheet we obtain:
These values are taken under a certain condition test.
For more detail please refer to the IRF7301 data sheet.
By using equation (6), we can calculate the switching
losses.
Feedback Compensation
The IRU3037 is a voltage mode controller; the control
loop is a single voltage feedback path including error
amplifier and error comparator. To achieve fast transient
response and accurate output regulation, a compensa-
tion circuit is necessary. The goal of the compensation
network is to provide a closed loop transfer function with
the highest 0dB crossing frequency and adequate phase
margin (greater than 45
8).
The output LC filter introduces a double pole, –40dB/
decade gain slope above its corner resonant frequency,
and a total phase lag of 180
8 (see Figure 5). The Reso-
nant frequency of the LC filter expressed as follows:
Figure 5 shows gain and phase of the LC filter. Since we
already have 180
8 phase shift just from the output filter,
the system risks being unstable.
Figure 5 - Gain and phase of LC filter.
The IRU3037’s error amplifier is a differential-input
transconductance amplifier. The output is available for
DC gain control or AC phase compensation.
The E/A can be compensated with or without the use of
local feedback. When operated without local feedback
the transconductance properties of the E/A become evi-
dent and can be used to cancel one of the output filter
poles. This will be accomplished with a series RC circuit
from Comp pin to ground as shown in Figure 6.
VDSS = 20V
ID = 5.2A
RDS(ON) = 0.05
V
Where:
VDS(OFF) = Drain to Source Voltage at off time
tr = Rise Time
tf = Fall Time
T = Switching Period
ILOAD = Load Current
tr = 42ns
tf = 51ns
PSW = 0.186W
PCON(TOTAL)=PCON(Upper Switch)+PCON(Lower Switch)
PCON(TOTAL) = ILOAD
3 RDS(ON) 3 q
2
q = 1.5 according to the IRF7301 data sheet for
150
8C junction temperature
PCON(TOTAL) = 1.2W
FLC =
---(7)
1
2
p3
LO
3CO
PSW =
ILOAD
---(6)
tr + tf
T
VDS(OFF)
2
3
3
VDS
VGS
10%
90%
td(ON)
td(OFF)
tr
tf
Gain
FLC
0dB
Phase
0
8
FLC
-180
8
Frequency
Frequency
-40dB/decade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com