Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7457 Datasheet(PDF) 12 Page - International Rectifier

Part # IRF7457
Description  8-PIN SYNCHRONOUS PWM CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7457 Datasheet(HTML) 12 Page - International Rectifier

Back Button IRF7457 Datasheet HTML 8Page - International Rectifier IRF7457 Datasheet HTML 9Page - International Rectifier IRF7457 Datasheet HTML 10Page - International Rectifier IRF7457 Datasheet HTML 11Page - International Rectifier IRF7457 Datasheet HTML 12Page - International Rectifier IRF7457 Datasheet HTML 13Page - International Rectifier IRF7457 Datasheet HTML 14Page - International Rectifier IRF7457 Datasheet HTML 15Page - International Rectifier IRF7457 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
Rev. 2.8
05/10/04
IRU3037 / IRU3037A
www.irf.com
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 11 - Output Voltage
Figure 12 - Output Frequency
Figure 13 - Maximum Duty Cycle
IRU3037
Output Voltage
1.2
1.22
1.24
1.26
1.28
1.3
-40°C
0°C
+50°C
+100°C
+150°C
Output Voltage
Spec Max.
Spec Min.
Max
IRU3037
Output Frequency
160
170
180
190
200
210
220
230
240
-40°C
0°C
+50°C
+100°C
+150°C
Oscillation Frequency
Spec Max.
Spec Min.
Max
IRU3037
MaximumDutyCycle
80.0%
82.0%
84.0%
86.0%
88.0%
90.0%
92.0%
-40°C
-25°C
0°C
+25°C
+50°C
+75°C
+100°C
+125°C
+150°C
Max Duty Cycle
Min
Min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com