Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7457 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7457
Description  8-PIN SYNCHRONOUS PWM CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7457 Datasheet(HTML) 1 Page - International Rectifier

  IRF7457 Datasheet HTML 1Page - International Rectifier IRF7457 Datasheet HTML 2Page - International Rectifier IRF7457 Datasheet HTML 3Page - International Rectifier IRF7457 Datasheet HTML 4Page - International Rectifier IRF7457 Datasheet HTML 5Page - International Rectifier IRF7457 Datasheet HTML 6Page - International Rectifier IRF7457 Datasheet HTML 7Page - International Rectifier IRF7457 Datasheet HTML 8Page - International Rectifier IRF7457 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
IRU3037 / IRU3037A
1
Rev. 2.8
03/10/03
www.irf.com
TYPICAL APPLICATION
DESCRIPTION
The IRU3037 controller IC is designed to provide a low
cost synchronous Buck regulator for on-board DC to DC
converter applications. With the migration of today’s ASIC
products requiring low supply voltages such as 1.8V and
lower, together with currents in excess of 3A, traditional
linear regulators are simply too lossy to be used when
input supply is 5V or even in some cases with 3.3V
input supply. The IRU3037 together with dual N-channel
MOSFETs such as IRF7313, provide a low cost solution
for such applications. This device features an internal
200KHz oscillator (400KHz for "A" version), under-volt-
age lockout for both Vcc and Vc supplies, an external
programmable soft-start function as well as output un-
der-voltage detection that latches off the device when an
output short is detected.
Synchronous Controller in 8-Pin Package
Operating with single 5V or 12V supply voltage
Internal 200KHz Oscillator
(400KHz for IRU3037A)
Soft-Start Function
Fixed Frequency Voltage Mode
500mA Peak Output Drive Capability
Protects the output when control FET is shorted
PACKAGE ORDER INFORMATION
FEATURES
8-PIN SYNCHRONOUS PWM CONTROLLER
APPLICATIONS
DDR memory source sink Vtt application
Low cost on-board DC to DC such as 5V to 3.3V,
2.5V or 1.8V
Graphic Card
Hard Disk Drive
TA (°C)
DEVICE
PACKAGE
FREQUENCY
0 To 70
IRU3037CF
8-Pin Plastic TSSOP (F)
200KHz
0 To 70
IRU3037CS
8-Pin Plastic SOIC NB (S)
200KHz
0 To 70
IRU3037ACF
8-Pin Plastic TSSOP (F)
400KHz
0 To 70
IRU3037ACS
8-Pin Plastic SOIC NB (S)
400KHz
Data Sheet No. PD94173
Figure 1 - Typical application of IRU3037 or IRU3037A.
IRU3037
U1
Vcc
Vc
HDrv
LDrv
Fb
Gnd
Comp
SS/SD
C3
1uF
C4
1uF
C8
0.1uF
C9
2200pF
R4
24k
Q1
1/2 of IRF7313
Q2
1/2 of IRF7313
R5
1.24K, 1%
R3
249, 1%
L2
D05022P-562, 5.6uH, 5.3A
L1
1uH
C2
10TPB100M,
100uF, 55m
V
C1
47uF
1.5V/5A
C7
2x 6TPC150M,
150uF, 40m
V
12V
5V


Similar Part No. - IRF7457

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7457PBF IRF-IRF7457PBF Datasheet
177Kb / 8P
HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 7.0m廓 , ID = 15A )
IRF7457PBF IRF-IRF7457PBF Datasheet
182Kb / 8P
High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF7457PBF-1 IRF-IRF7457PBF-1 Datasheet
201Kb / 8P
Industry-standard pinout SO-8 Package
IRF7457PBF-1 IRF-IRF7457PBF-1_15 Datasheet
201Kb / 8P
Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7457

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
8 PIN PWM SWITCHER CONTROLLER IC
logo
International Rectifier
IRU3072C IRF-IRU3072C Datasheet
332Kb / 24P
20-PIN SYNCHRONOUS PWM CONTROLLER/ 3 LDO CONTROLLER
IRU3137 IRF-IRU3137 Datasheet
169Kb / 19P
8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7037 ANPEC-APW7037 Datasheet
123Kb / 11P
8-PIN Synchronous Buck PWM Controller
APW7120 ANPEC-APW7120 Datasheet
807Kb / 20P
5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
logo
Advanced Power Electron...
APU3037 A-POWER-APU3037 Datasheet
199Kb / 18P
8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
logo
Advanced Power Electron...
APU3137 A-POWER-APU3137 Datasheet
184Kb / 17P
8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSPBF IRF-IRU3037CSPBF Datasheet
173Kb / 21P
8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037CSTR IRF-IRU3037CSTR Datasheet
167Kb / 21P
8-PIN SYNCHRONOUS PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com