Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7457 Datasheet(PDF) 13 Page - International Rectifier

Part # IRF7457
Description  8-PIN SYNCHRONOUS PWM CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7457 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRF7457 Datasheet HTML 9Page - International Rectifier IRF7457 Datasheet HTML 10Page - International Rectifier IRF7457 Datasheet HTML 11Page - International Rectifier IRF7457 Datasheet HTML 12Page - International Rectifier IRF7457 Datasheet HTML 13Page - International Rectifier IRF7457 Datasheet HTML 14Page - International Rectifier IRF7457 Datasheet HTML 15Page - International Rectifier IRF7457 Datasheet HTML 16Page - International Rectifier IRF7457 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
IRU3037 / IRU3037A
13
Rev. 2.8
03/10/03
www.irf.com
Figure 16 - Transconductance
Figure 15 - Output Frequency
Figure 14 - Output Voltage
Figure 17 - Rise Time and Fall Time
IRU3037 / IRU3037A
Rise Time / Fall Time
CL=1500pF
0
5
10
15
20
25
30
35
40
45
50
-40°C
-25°C
0°C
+25°C
+50°C
+75°C
+100°C
Rise Time
Fall time
IRU3037/IRU3037A
Transconductance ( GM )
0
100
200
300
400
500
600
700
800
900
1000
-40°C
-25°C
0°C
+25°C
+50°C
+75°C
+100°C
Positive load GM
Negative load GM
IRU3037A
Output Voltage
760
770
780
790
800
810
820
-40°C
-25°C
0°C
+25°C
+50°C
+75°C
+100°C
+150°C
Output Voltage
Spec Max.
Spec Min.
Max
Min
IRU3037A
Output Frequency
300
320
340
360
380
400
420
440
460
-40°C
-25°C
0°C
+25°C
+50°C
+75°C
+100°C
+150°C
Oscillation Frequency
Spec Max.
Spec Min.
Max
Min
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com