Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDA08B Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LDA08B
Description  265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LDA08B Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LDA08B Datasheet HTML 1Page - National Semiconductor (TI) LDA08B Datasheet HTML 2Page - National Semiconductor (TI) LDA08B Datasheet HTML 3Page - National Semiconductor (TI) LDA08B Datasheet HTML 4Page - National Semiconductor (TI) LDA08B Datasheet HTML 5Page - National Semiconductor (TI) LDA08B Datasheet HTML 6Page - National Semiconductor (TI) LDA08B Datasheet HTML 7Page - National Semiconductor (TI) LDA08B Datasheet HTML 8Page - National Semiconductor (TI) LDA08B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD + 0.3V
Power Dissipation (Note 3)
Internally limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature
150˚C
Soldering Information
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting and their Effects on
Product Reliability” for other methods of soldering surface
mount devices.
Thermal Resistance
θ
JC (M08A)
35˚C/W
θ
JA (M08A)
170˚C/W
θ
JC (MUA08A)
56˚C/W
θ
JA (MUA08A)
190˚C/W
θ
JA (LDA08B)
67˚C/W
Operating Ratings
Temperature Range
T
MIN ≤ TA ≤ TMAX
−40˚C
≤ T
A ≤ +85˚C
Supply Voltage
2.0V
≤ V
DD ≤ 5.5V
Electrical Characteristics (Note 1) (Note 2)
The following specifications apply for V
DD = 5V, for all available packages, unless otherwise specified. Limits apply for TA =
25˚C
Symbol
Parameter
Conditions
LM4900
Units
(Limits)
Typical
(Note 6)
Limit
(Notes 7,
9)
I
DD
Quiescent Power Supply Current
V
IN = 0V, IO = 0A (Note 8)
4
6.0
mA (max)
I
SD
Shutdown Current
V
PIN1 =VDD
0.1
5
µA (max)
V
OS
Output Offset Voltage
V
IN = 0V
5
50
mV (max)
P
O
Output Power
THD = 1% (max); f = 1kHz; R
L =8Ω;
675
300
mW (min)
THD+N
Total Harmonic Distortion+Noise
P
O = 400 mWrms; AVD =2; RL =8Ω;
20Hz
≤ f ≤ 20kHz, BW < 80kHz
0.4
%
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mV sine p-p
dB
f = 217Hz (Note 10)
70
f = 1KHz (Note 10)
67
f = 217Hz (Note 11)
55
f = 1KHz (Note 11)
55
Electrical Characteristics (Note 1) (Note 2)
The following specifications apply for V
DD = 3.3V, for all available packages, unless otherwise specified. Limits apply for TA =
25˚C
Symbol
Parameter
Conditions
LM4900
Units
(Limits)
Typical
(Note 6)
Limit
(Notes 7,
9)
I
DD
Quiescent Power Supply Current
V
IN = 0V, IO = 0A (Note 8)
3
5
mA (max)
I
SD
Shutdown Current
V
PIN1 =VDD
0.1
3
µA (max)
V
OS
Output Offset Voltage
V
IN = 0V
5
50
mV (max)
P
O
Output Power
THD = 1% (max); f = 1kHz; R
L =8Ω;
265
mW (min)
THD+N
Total Harmonic Distortion+Noise
P
O = 250 mWrms; AVD =2; RL =8Ω;
20Hz
≤ f ≤ 20kHz, BW < 80kHz
0.4
%
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mV sine p-p
dB
f = 217Hz (Note 10)
73
f = 1KHz (Note 10)
70
f = 217Hz (Note 11)
60
f = 1KHz (Note 11)
68
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com