Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDA08B Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LDA08B
Description  265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LDA08B Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LDA08B Datasheet HTML 1Page - National Semiconductor (TI) LDA08B Datasheet HTML 2Page - National Semiconductor (TI) LDA08B Datasheet HTML 3Page - National Semiconductor (TI) LDA08B Datasheet HTML 4Page - National Semiconductor (TI) LDA08B Datasheet HTML 5Page - National Semiconductor (TI) LDA08B Datasheet HTML 6Page - National Semiconductor (TI) LDA08B Datasheet HTML 7Page - National Semiconductor (TI) LDA08B Datasheet HTML 8Page - National Semiconductor (TI) LDA08B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical Characteristics (Note 1) (Note 2)
The following specifications apply for V
DD = 2.6V, for all available packages, unless otherwise specified. Limits apply for TA =
25˚C
Symbol
Parameter
Conditions
LM4900
Units
(Limits)
Typical
(Note 6)
Limit
(Notes 7,
9)
I
DD
Quiescent Power Supply Current
V
IN = 0V, IO = 0A (Note 8)
2.6
4
mA (max)
I
SD
Shutdown Current
V
PIN1 =VDD
0.1
2.0
µA (max)
V
OS
Output Offset Voltage
V
IN =0V
5
mV
P
O
Output Power
THD = 1% (max); f = 1kHz; R
L =8Ω
130
mW
THD+N
Total Harmonic Distortion+Noise
P
O = 100 mWrms; AVD =2; RL =8Ω;
20Hz
≤ f ≤ 20kHz, BW < 80kHz
0.4
%
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mV sine p-p
dB
f = 217Hz (Note 11)
58
f = 1KHz (Note 11)
63
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX −TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For the LM4900, TJMAX =
150˚C. The typical junction-to-ambient thermal resistance, when board mounted, is 190˚C/W for package number MUA08A.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine Model, 220pF–240pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: The quiescent power supply current depends on the offset voltage when a practical load is connected to the amplifier.
Note 9: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 10: Unterminated input.
Note 11: 10
Ω terminated input.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com