Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDA08B Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LDA08B
Description  265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LDA08B Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LDA08B Datasheet HTML 8Page - National Semiconductor (TI) LDA08B Datasheet HTML 9Page - National Semiconductor (TI) LDA08B Datasheet HTML 10Page - National Semiconductor (TI) LDA08B Datasheet HTML 11Page - National Semiconductor (TI) LDA08B Datasheet HTML 12Page - National Semiconductor (TI) LDA08B Datasheet HTML 13Page - National Semiconductor (TI) LDA08B Datasheet HTML 14Page - National Semiconductor (TI) LDA08B Datasheet HTML 15Page - National Semiconductor (TI) LDA08B Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Typical Performance Characteristics (Continued)
Note 12: This curve shows the LM4900LD’s thermal dissipation ability at different ambient temperatures given the exposed-DAP of the part is soldered to a plane
of 1oz. Cu with an area given in the label of each curve.
Supply Current vs
Shutdown Voltage
DS200064-69
LM4900MM Power Derating Curve
DS200064-73
Supply Current vs
Supply Voltage
DS200064-70
LM4900LD Power Derating Curve (Note 12)
DS200064-75
Open Loop Frequency Response
DS200064-72
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com