Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDA08B Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LDA08B
Description  265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LDA08B Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LDA08B Datasheet HTML 1Page - National Semiconductor (TI) LDA08B Datasheet HTML 2Page - National Semiconductor (TI) LDA08B Datasheet HTML 3Page - National Semiconductor (TI) LDA08B Datasheet HTML 4Page - National Semiconductor (TI) LDA08B Datasheet HTML 5Page - National Semiconductor (TI) LDA08B Datasheet HTML 6Page - National Semiconductor (TI) LDA08B Datasheet HTML 7Page - National Semiconductor (TI) LDA08B Datasheet HTML 8Page - National Semiconductor (TI) LDA08B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM4900
265mW at 3.3V Supply Audio Power Amplifier with
Shutdown Mode
General Description
The LM4900 is a bridged audio power amplifier capable of
delivering 265mW of continuous average power into an 8
Ω
load with 1% THD+N from a 3.3V power supply.
Boomer® audio power amplifiers were designed specifically
to provide high quality output power from a low supply volt-
age while requiring a minimal amount of external compo-
nents. Since the LM4900 does not require output coupling
capacitors, bootstrap capacitors or snubber networks, it is
optimally suited for low-power portable applications.
The LM4900 features an externally controlled, low power
consumption shutdown mode, and thermal shutdown protec-
tion.
The closed loop response of the unity-gain stable LM4900
can be configured by external gain-setting resistors.
Key Specifications
j THD+N at 1kHz for 265mW continuous
average output power into 8
Ω,
V
DD = 3.3V
1.0% (max)
j THD+N at 1kHz for 675mW continuous
average output power into 8
Ω,
V
DD = 5V
1.0% (max)
j Shutdown current
0.1µA (typ)
Features
n
MSOP, LLP, and SOP packaging
n
No output coupling capacitors, bootstrap capacitors, or
snubber circuits are necessary
n
Thermal shutdown protection circuitry
n
Unity-gain stable
n
External gain configuration capability
n
Latest generation ’click and pop’ suppression circuitry
Applications
n
Cellular phones
n
PDA’s
n
Any portable audio application
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
DS200064-1
FIGURE 1. Typical Audio Amplifier Application Circuit
September 2001
© 2001 National Semiconductor Corporation
DS200064
www.national.com


Similar Part No. - LDA08B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDA08 ETC-LDA08 Datasheet
191Kb / 15P
Low-cost Digital to Analog converter, 8 lines of 8 bit
More results

Similar Description - LDA08B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
350mW Audio Power Amplifier with Shutdown Mode
logo
STMicroelectronics
TS4900 STMICROELECTRONICS-TS4900 Datasheet
480Kb / 19P
300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2002
TS4902 STMICROELECTRONICS-TS4902 Datasheet
399Kb / 19P
300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Jan-2002
logo
National Semiconductor ...
LM4902 NSC-LM4902 Datasheet
772Kb / 18P
265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4900M TI1-LM4900M Datasheet
994Kb / 19P
LM4900 Boomer Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4902 TI-LM4902_15 Datasheet
1Mb / 24P
Boomer Audio Power Amplifier Series 265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com