Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6E2DF Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # S6E2DF
Description  S6E2DF Series 32-bit ARM짰 Cortex짰-M4F based Microcontroller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E2DF Datasheet(HTML) 5 Page - Cypress Semiconductor

  S6E2DF Datasheet HTML 1Page - Cypress Semiconductor S6E2DF Datasheet HTML 2Page - Cypress Semiconductor S6E2DF Datasheet HTML 3Page - Cypress Semiconductor S6E2DF Datasheet HTML 4Page - Cypress Semiconductor S6E2DF Datasheet HTML 5Page - Cypress Semiconductor S6E2DF Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Errata Document
S6E2DF Series
December 4, 2015
Document No. 002-05043 Rev. *A
5
Page
Item
Description
16, 18 5. Pin
Assignment
Signal name should be corrected as below.
(Error) GE_SPCSX_0 (Correct) GE_SPCSX0
(Error) GE_HBCSX_0 (Correct) GE_HBCSX0
(Error) GE_HBCSX_1 (Correct) GE_HBCSX1
21, 23,
48
6. Pin
Descriptions
Signal name should be corrected as below.
(Error) GE_SPCSX_0 (Correct) GE_SPCSX0
(Error) GE_HBCSX_0 (Correct) GE_HBCSX0
(Error) GE_HBCSX_1 (Correct) GE_HBCSX1
67
10. Block
Diagram
Signal name should be corrected as below.
(Error) GE_SPCSX_0
(Correct) GE_SPCSX0
(Error) GE_HBCSX_0/1 (Correct) GE_HBCSX0/1
93
14.3 DC
Characteristi
cs
“VFLASH memory Standby current” should be corrected as indicated by the shading
below.
(Error)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Typ
Max
VFLASH memory
Standby current
ICCVFLASH
VCC
At Standby
-
15
25
μA
VFLASH memory
Read current
At Read
-
9
14
mA
40MHz
13
20
80MHz
VFLASH memory
write/erase current
At
Write/Erase
-
20
25
mA
(Correct)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Typ
Max
VFLASH memory
Standby current
ICCVFLASH
VCC
At Standby
-
15
35
μA
VFLASH memory
Read current
At Read
-
9
14
mA
40MHz
13
20
80MHz
VFLASH memory
write/erase current
At
Write/Erase
-
20
25
mA
162,
163,
164
14.4 AC
Characteristi
cs
Signal name should be corrected as below.
(Error) GE_SPCSX_0 (Correct) GE_SPCSX0
(Error) GE_HBCSX_0 (Correct) GE_HBCSX0
(Error) GE_HBCSX_1 (Correct) GE_HBCSX1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com