Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6E2DF Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # S6E2DF
Description  S6E2DF Series 32-bit ARM짰 Cortex짰-M4F based Microcontroller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6E2DF Datasheet(HTML) 2 Page - Cypress Semiconductor

  S6E2DF Datasheet HTML 1Page - Cypress Semiconductor S6E2DF Datasheet HTML 2Page - Cypress Semiconductor S6E2DF Datasheet HTML 3Page - Cypress Semiconductor S6E2DF Datasheet HTML 4Page - Cypress Semiconductor S6E2DF Datasheet HTML 5Page - Cypress Semiconductor S6E2DF Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Errata Document
S6E2DF Series
December 4, 2015
Document No. 002-05043 Rev. *A
2
Page
Item
Description
92
14.3.1
Current
Rating
Table 14-10 should be added as indicated by the shading below.
Table 14-10 Typical and Maximum Current Consumption in Deep Standby Stop Mode, Deep Standby RTC
Mode and VBAT
Parameter
Symbol
Pin
Name
Conditions
Frequency
(MHz)
Value
Unit
Remarks
Typ
Max
Power
supply
current
ICCVBAT
VBAT
RTC stop
-
0.009
0.032
μA
*3, *4, *5
TA=+25°C
-
0.994
μA
*3, *4, *5
TA=+85°C
-
1.491
μA
*3, *4, *5
TA=+105°C
RTC *6
operation
1.0
1.636
μA
*3, *4
TA=+25°C
-
2.828
μA
*3, *4
TA=+85°C
-
4.242
μA
*3, *4
TA=+105°C
RTC *7
operation
0.7
1.153
μA
*3, *4
TA=+25°C
-
2.277
μA
*3, *4
TA=+85°C
-
3.416
μA
*3, *4
TA=+105°C
*1: VCC=3.3 V
*2: VCC=3.6 V
*3: When all ports are fixed.
*4: When LVD is OFF
*5: When sub oscillation is OFF
*6: When using the crystal oscillator of 32 kHz (including the current consumption of the oscillation circuit)
When the Standard setting (CCS/CCB=11001110)
*7: When using the crystal oscillator of 32 kHz (including the current consumption of the oscillation circuit)
When the low power setting (CCS/CCB=00000100)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com